Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCHC63H-2R2M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC63H-2R2M-RC
Description  Power Choke High Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC63H-2R2M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC63H-2R2M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
PCHC63H
15
DCR
(mΩ)
Isat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCHC63H-R33M-RC
PCHC63H-R68M-RC
PCHC63H-1R0M-RC
PCHC63H-4R7M-RC
0.33
0.68
1.00
4.70
20
20
20
20
100
100
100
100
3.9
5.5
10
40
30
23
16
6.5
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCHC63H-2R2M-RC
2.20
20
100
20
12
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 7/26/10
Irms
(A)
20
15.5
11
5.5
8
Max
PCHC63H-6R8M-RC
6.80
20
100
60
6
4.5
Max.
PCHC63H-R47M-RC
0.47
20
100
4.2
26
17.5
PCHC63H-1R5M-RC
1.50
20
100
15
14
9
PCHC63H-3R3M-RC
3.30
20
100
30
10
6
Features
• Magnetically shielded construction
• Expanding operating temp range
Electrical
Inductance Range: .33µH to 10µH
Tolerance: 20% over entire range,
Operating Temp: -55ºC ~ +125ºC
Test Equipment
(L): HP 4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• High saturation current up to 30A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(DCR): CH16502, Agilent 33420A Micro-Ohm meter
Marking:
EIA Inductance Code
Temp rise:
with out core loss.
Part temperature should not exceed 125ºC
including temperature rise.
Test Frequency: 100KHz, 1.0Vdc
• Low DCR resistance
• Suitable for pick and place
∆ T=40ºC Typical at rated Irms
Immersion Time: 10 sec. ± 1 sec.
Available in tighter tolerances
Storage Temp: -55ºC ~ +125ºC
Inductance drop:
20% typical at rated Isat
(IDC): 3260B WK & DC Bias 3265B WK
PCHC63H-8R2M-RC
8.20
20
100
68
5.5
4
PCHC63H-100M-RC
10
20
100
105
4.5
3
Dimensions:
Inches
(mm)
Schematic


Similar Part No. - PCHC63H-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-2R2M-RC ALLIED-PCHC63H-2R2M-RC Datasheet
374Kb / 1P
   Power Choke High Current
PCHC63H-2R2M-RC ALLIED-PCHC63H-2R2M-RC Datasheet
384Kb / 1P
   Power Choke High Current
More results

Similar Description - PCHC63H-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
   Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
   Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
   Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
   Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
   Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
   Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
   Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
   Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
   Power Choke High Current
PCHC128H ALLIED-PCHC128H Datasheet
587Kb / 1P
   Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com