Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFV30-4R7M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV30-4R7M-RC
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV30-4R7M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCFV30-4R7M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 04/22/14
MHz, 200mV
All specifications subject to change without notice.
Irms
PCFV30-1R5M-RC
1.5
20
1
.085
1530
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 2000 per Tape and reel
• High Current
Inductance Range: 1.5µh ~ 22µh (other
Tolerance: Available in 20%
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which the Inductance will
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance code
PCFV30
Isat
1620
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
drop by no more then 30% of its initial value.
PCFV30-2R2M-RC
2.2
20
1
.100
1260
1350
PCFV30-4R7M-RC
4.7
20
1
.205
850
900
typical above Ambient Temp.
±30%
Marking
1R5
4R7
2R2
• Low DC Resistence
(Max)
(Max)
PCFV30-6R8M-RC
6.8
20
1
.310
760
780
6R8
• Ultra Low Profile, 1.02mm
(A)
(A)
(mΩ)
PCFV30-100M-RC
10
20
1
.430
560
570
PCFV30-150M-RC
15
20
1
.625
490
500
PCFV30-220M-RC
22
20
1
.870
410
420
100
220
150
Inductance vs. DC Current
0
5
10
15
20
25
0
0.2
0.4
0.6
0.81
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
DC Current(A)
1R5
2R2
4R7
6R8
100
150
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
DC Current(A)
1R5
2R2
4R7
6R8
100
220
150
Recommended Pattern
.119±.008
(3.0±0.20)
.04
(1.0)
.041
(1.02)
.04
(1.0)
.04
(1.0)
.087
(2.2)
.04
(1.0)
MAX
Magnetic Resin
Dimensions:
Inches
(mm)


Similar Part No. - PCFV30-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32-100M-RC ALLIED-PCFV32-100M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32-150M-RC ALLIED-PCFV32-150M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32-220M-RC ALLIED-PCFV32-220M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32-2R2M-RC ALLIED-PCFV32-2R2M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCFV30-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
   SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
   SMD Semi Shielded Power Chip Inductor
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com