Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2318AGEN-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP2318AGEN-HF
Description  Small Outline Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2318AGEN-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP2318AGEN-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2318AGEN-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2318AGEN-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2318AGEN-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4V, ID=500mA
-
-
1.5
Ω
VGS=2.5V, ID=200mA
-
-
2.5
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.3
-
1.2
V
gfs
Forward Transconductance
VDS=4V, ID=500mA
-
500
-
mS
IDSS
Drain-Source Leakage Current
VDS=24V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=+16V, VDS=0V
-
-
+60
uA
Qg
Total Gate Charge
ID=0.5A
-
1
1.6
nC
Qgs
Gate-Source Charge
VDS=15V
-
0.4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
0.3
-
nC
td(on)
Turn-on Delay Time
VDS=15V
-
16
-
ns
tr
Rise Time
ID=0.5A
-
55
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-50
-
ns
tf
Fall Time
VGS=5V
-
90
-
ns
Ciss
Input Capacitance
VGS=0V
-
23
37
pF
Coss
Output Capacitance
VDS=15V
-
15
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
10
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=500mA, VGS=0V
-
-
1.2
V
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 400℃/W when mounted on min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP2318AGEN-HF


Similar Part No. - AP2318AGEN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2318AGEN-HF A-POWER-AP2318AGEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Small Outline Package, Surface Mount Device
More results

Similar Description - AP2318AGEN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
   Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
   Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
   Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
   Small Package Outline
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
   Small Package Outline
AP2323AGN-HF A-POWER-AP2323AGN-HF_16 Datasheet
102Kb / 5P
   Small Package Outline
AP2323GN-HF A-POWER-AP2323GN-HF_14 Datasheet
101Kb / 4P
   Small Package Outline
AP2323GN-HF A-POWER-AP2323GN-HF_16 Datasheet
104Kb / 5P
   Small Package Outline
AP2622GY-HF A-POWER-AP2622GY-HF_16 Datasheet
99Kb / 5P
   Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com