Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS190 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LS190
Description  Synchronous Up/Down Decade Counters(single clock line)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS190 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74LS190 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 6Page - Hitachi Semiconductor HD74LS190 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Similar Part No. - HD74LS190

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS190 HITACHI-HD74LS190 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
HD74LS190FPEL RENESAS-HD74LS190FPEL Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
HD74LS190P RENESAS-HD74LS190P Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
More results

Similar Description - HD74LS190

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
   Synchronous Up/Down Decade Counters
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Renesas Technology Corp
HD74HC190 RENESAS-HD74HC190 Datasheet
150Kb / 13P
   Synchronous Up/Down Decade Counter (Single Clock Line)
logo
Hitachi Semiconductor
HD74LS192 HITACHI-HD74LS192 Datasheet
104Kb / 7P
   Synchronous Up/Down Decade Counters(dual clock lines)
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
logo
Hitachi Semiconductor
HD74LS191 HITACHI-HD74LS191 Datasheet
98Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(single clock line)
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
logo
Texas Instruments
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
   Synchronous Up / Down Decade Counter (dual clock lines)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com