Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39425-0004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39425-0004
Description  12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 4 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39425-0004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39425-0004 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39425-0004
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
12.00mm Pitch Beau™ EuroMax™ Right Angle PCB Header, Closed Ends, 4 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39425
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
EuroMax™Pluggable
Type
Euro Block
UPC
822348359738
Physical
Circuits (Loaded)
4
Entry Angle
N/A
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
32.200/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
4.30mm
PCB Retention
None
PCB Thickness - Recommended
3.20mm
Panel Mount
No
Pitch - Mating Interface
12.00mm
Pitch - Termination Interface
12.00mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Temperature Range - Operating
130°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
85A
Voltage - Maximum
600V
Material Info
Old Part Number
421904
Reference - Drawing Numbers
Sales Drawing
SD-39425-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39425Series
Mates With
39421 Plugs
This document was generated on 10/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39425-0004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39425-0004 MOLEX-39425-0004 Datasheet
307Kb / 2P
   12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
More results

Similar Description - 39425-0004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39426-0004 MOLEX11-39426-0004 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 4 Circuits,
0394250004 MOLEX5-0394250004 Datasheet
303Kb / 3P
   12.00mm (.472") Pitch Beau??EuroMax??Right Angle PCB Header, Closed Ends, 4 Circuits
0394260004 MOLEX5-0394260004 Datasheet
357Kb / 3P
   12.00mm (.472") Pitch Beau??EuroMax??Right Angle PCB Header, Closed Ends, 4 Circuits
39426-0005 MOLEX11-39426-0005 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 5 Circuits,
39425-0002 MOLEX11-39425-0002 Datasheet
40Kb / 1P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 2 Circuits
39425-0003 MOLEX11-39425-0003 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 3 Circuits
39426-0006 MOLEX11-39426-0006 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 6 Circuits,
39425-0008 MOLEX11-39425-0008 Datasheet
40Kb / 1P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 8 Circuits
39425-0010 MOLEX11-39425-0010 Datasheet
40Kb / 1P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 10 Circuits
39426-0007 MOLEX11-39426-0007 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 7 Circuits,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com