Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCB40-750-RC Datasheet(PDF) 1 Page - Allied Components International

Part # HCB40-750-RC
Description  High Current Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB40-750-RC Datasheet(HTML) 1 Page - Allied Components International

  HCB40-750-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HCB20-110-RC
HCB20-320-RC
HCB20-500-RC
HCB20-800-RC
HCB20-101-RC
HCB20-121-RC
HCB20-221-RC
HCB20-301-RC
HCB20-331-RC
HCB20-391-RC
HCB30-600-RC
HCB30-900-RC
HCB40-500-RC
HCB40-600-RC
HCB40-800-RC
HCB40-900-RC
HCB50-700-RC
HCB50-900-RC
HCB40
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
11
32
50
80
100
120
220
300
330
390
60
90
50
60
80
90
70
90
.015
.015
0.02
.025
0.03
0.03
0.05
0.06
0.06
0.06
.025
.025
0.02
0.02
.025
0.01
0.03
0.03
6000
4000
4000
3000
2500
2500
2000
2000
2000
2000
4000
3000
6000
5000
4000
2000
6000
4000
HCB20
HCB30
High Current Beads
HCB20 thru HCB50
HCB20
HCB40
HCB50
HCB30
Electrical
Impedance Range:
7 to 1500Ω
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: HCB20 - 3000 per 7 inch reel.
HCB30 - 2500 per 7 inch reel.
HCB40 - 2000 per 7 inch reel.
HCB50 - 1000 per 7 inch reel.
HCB20-401-RC
HCB20-501-RC
400
500
0.10
0.10
2000
2000
HCB40-151-RC
HCB40-471-RC
HCB40-102-RC
150
470
1000
0.10
0.10
0.10
2000
2000
2000
HCB50-125-RC
HCB50-181-RC
HCB50-132-RC
125
600
1300
0.03
0.10
0.06
4000
2000
3000
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.177±0.010
(4.50±0.25)
0.063±0.008
(1.60±0.20)
0.063±0.008
(1.60±0.20)
0.020±0.012
(0.51±0.30)
0.118
(3.00)
0.059
(1.50)
0.047
(1.19)
Dimensions:
Inches
(mm)
0.118
(3.00)
0.177±0.010
(4.50±0.25)
0.126±0.008
(3.20±0.20)
0.059±0.008
(1.50±0.20)
0.020±0.012
(0.51±0.30)
0.094
(2.39)
0.059
(1.50)
0.126±0.008
(3.20±0.20)
0.098±0.008
(2.49±0.20)
0.051±0.008
(1.30±0.20)
0.020±0.012
(0.51±0.30)
0.071
(1.80)
0.078
(1.98)
0.078
(1.98)
0.126±0.008
(3.20±2.03)
0.063±0.008
(1.60±0.20)
0.043±0.008
(1.09±0.20)
0.020±0.012
(0.51±0.30)
0.047
(1.19)
0.078
(1.98)
0.054
(1.37)
HCB20-070-RC
7
.015
6000
HCB20-080-RC
8
.015
6000
HCB20-190-RC
19
.015
6000
HCB20-300-RC
30
.015
4000
HCB20-260-RC
26
.015
6000
HCB20-310-RC
31
.015
4000
HCB20-480-RC
48
0.02
4000
HCB20-400-RC
40
.015
4000
HCB20-350-RC
35
.015
4000
HCB20-420-RC
42
.015
4000
HCB20-700-RC
70
0.02
4000
HCB20-600-RC
60
0.02
4000
HCB20-520-RC
52
0.02
4000
HCB20-680-RC
68
0.02
4000
HCB20-750-RC
75
.025
3000
HCB20-900-RC
90
0.03
3000
HCB20-151-RC
150
0.04
2000
HCB20-201-RC
200
0.05
2000
HCB20-601-RC
HCB20-102-RC
600
1000
0.10
0.15
2000
1200
HCB20-122-RC
HCB20-152-RC
1200
1500
0.18
0.20
1000
800
HCB40-190-RC
HCB40-400-RC
19
40
0.02
0.02
6000
6000
HCB40-700-RC
HCB40-750-RC
70
75
.025
.025
5000
5000
HCB40-101-RC
100
0.10
2000
HCB40-301-RC
300
0.10
2000
HCB40-191-RC
190
0.10
2000
HCB40-851-RC
850
0.10
2000
HCB40-601-RC
600
0.10
2000
HCB40-132-RC
1300
0.10
2000
HCB50-800-RC
80
0.03
4000
HCB50-121-RC
120
0.03
4000
HCB50-151-RC
150
0.03
4000
HCB50
All specifications subject to change without notice.
HCB50-601-RC
180
0.05
3000
REVISED 6/9/09
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Rated current is derated as indicated below based on
operating temp.
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• High current capacity
• Wide range of impedance values
• Multi layer technology
• Low DCR
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity


Similar Part No. - HCB40-750-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB40-750-RC ALLIED-HCB40-750-RC Datasheet
829Kb / 1P
   High Current Beads
More results

Similar Description - HCB40-750-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB03-100-RC ALLIED-HCB03-100-RC Datasheet
1Mb / 1P
   High Current Beads
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
829Kb / 1P
   High Current Beads
HSB10 ALLIED-HSB10 Datasheet
467Kb / 1P
   High Current Beads
HCB05 ALLIED-HCB05 Datasheet
837Kb / 1P
   High Current Beads
HCB10 ALLIED-HCB10 Datasheet
886Kb / 1P
   High Current Beads
HCB05KF ALLIED-HCB05KF Datasheet
1Mb / 3P
   High Current Beads
HCB10-050-RC ALLIED-HCB10-050-RC Datasheet
1Mb / 1P
   High Current Beads
HCB03-05 ALLIED-HCB03-05 Datasheet
639Kb / 1P
   High Current Beads
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com