Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG0010P Datasheet(PDF) 1 Page - E-SWITCH

Part # XG0010P
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XG0010P Datasheet(HTML) 1 Page - E-SWITCH

  XG0010P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KC52A10.001NPF W/LOCKRING
4/17/2013
XG0010P
B
EBP
1
1
A
1 2
CONTACT CONFIGURATION
TIMING (BBM) NON-SHORTING
A
A
8.00
[.315 in]
14.20
[.559 in]
2.00
[.079 in]
10.00
[.394 in]
2.00
[.079 in]
15.60
[.614 in]
3.40
[.134 in]
n26.00
[1.024 in]
NOTE:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERM. NOS. FOR REFERANCE ONLY.
4. CONTACT MATERIAL: GOLD FLASH OVER SILVER
5. CONTACT RATING: 150MILLIAMP, 250VAC/DC
350MILLIAMP, 110VAC/DC
6. CONTACT RATING (NON-SWITCHING) 5A
7. OPERATING TORQUE 800`300 g-cm
8. OPERATING TEMP: -30~C TO 85~C
9. CIRUIT SP: 12 POSITION 30~ INDEX (LOCKRING LIMITED TO 2 POSITION).
10. DIELECTRIC STRENGTH: 1000V RMS MIN.@ SEA LEVEL.
11. HARDWARE SUPPLIED ON SWITCH:
LOCKWASHER, HEXNUT, STOP RING (TAB IN POSITION 2)
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
3/8-32 UNEF-2A
THREADS
n3.00
[.118 in]
A
21105
RELEASED FOR PRODUCTION
4/17/13
EBP
5.50
[.217 in]
FLAT
30°
SLOT 2
LOCKING RING
(G200000)
KC52A10.001NPF
(G510346)
HEX NUT AND WASHER
NOT SHOWN
IN VIEW
HARDWARE SUPPLIED
ON SWITCH
n6.35
[.250 in]
9.50
[.374 in]
n22.20
[.874 in]
n7.70
[.303 in]
B
21392
CORRECT BASE SWITCH PART NUMBER
3/4/14
EBP
B


Similar Part No. - XG0010P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XG0003P E-SWITCH-XG0003P Datasheet
85Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XG0004A E-SWITCH-XG0004A Datasheet
71Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XG0005P E-SWITCH-XG0005P Datasheet
147Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XG0006P E-SWITCH-XG0006P Datasheet
240Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XG0010P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com