Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE961R500 Datasheet(PDF) 9 Page - NEC

Part # NE961R500
Description  0.5 W X, Ku-BAND POWER GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE961R500 Datasheet(HTML) 9 Page - NEC

Back Button NE961R500 Datasheet HTML 4Page - NEC NE961R500 Datasheet HTML 5Page - NEC NE961R500 Datasheet HTML 6Page - NEC NE961R500 Datasheet HTML 7Page - NEC NE961R500 Datasheet HTML 8Page - NEC NE961R500 Datasheet HTML 9Page - NEC NE961R500 Datasheet HTML 10Page - NEC NE961R500 Datasheet HTML 11Page - NEC NE961R500 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Data Sheet P14387EJ1V0DS00
9
NE960R5 SERIES
[MEMO]


Similar Part No. - NE961R500

ManufacturerPart #DatasheetDescription
logo
NEC
NE961R200 NEC-NE961R200 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
More results

Similar Description - NE961R500

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
logo
Eudyna Devices Inc
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
   X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
   X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
   X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com