Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE960R275 Datasheet(PDF) 4 Page - NEC

Part # NE960R275
Description  0.2 W X, Ku-BAND POWER GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R275 Datasheet(HTML) 4 Page - NEC

  NE960R275 Datasheet HTML 1Page - NEC NE960R275 Datasheet HTML 2Page - NEC NE960R275 Datasheet HTML 3Page - NEC NE960R275 Datasheet HTML 4Page - NEC NE960R275 Datasheet HTML 5Page - NEC NE960R275 Datasheet HTML 6Page - NEC NE960R275 Datasheet HTML 7Page - NEC NE960R275 Datasheet HTML 8Page - NEC NE960R275 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Data Sheet P13775EJ2V0DS00
4
NE960R2 SERIES
TYPICAL S-PARAMETER
[NE960R275]
TEST CONDITIONS: VDS = 9 V, IDset = 90 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
0.89
0.86
0.85
0.84
0.81
0.83
0.81
0.75
0.71
0.62
0.48
0.54
0.69
0.80
0.81
–113
–129
–138
–140
–144
–152
–163
–176
166
140
86
20
–20
–45
–66
3.99
2.88
2.29
1.99
1.78
1.77
1.82
1.89
2.12
2.42
2.50
2.32
1.77
1.30
1.03
98
80
65
51
39
27
15
0
–19
–44
–78
–113
–144
–166
167
0.057
0.058
0.057
0.057
0.059
0.060
0.062
0.062
0.064
0.072
0.074
0.065
0.049
0.040
0.039
34
15
10
7
5
3
3
1
0
–17
–46
–88
–132
–176
149
0.42
0.46
0.43
0.41
0.44
0.49
0.53
0.52
0.47
0.45
0.50
0.56
0.59
0.61
0.67
–79
–85
–94
–110
–125
–135
–141
–150
–167
164
129
94
68
44
27
START 2 GHz, STOP 16 GHz, STEP 1 GHz
1.0
0.5
2.0
0
–0.5
–1.0
–2.0
S11
Rmax. = 1
+90
°
+135
°
+45
°
±180°
0
–135
°
–90
°
–45
°
S12
Rmax. = 0.1
+90
°
+135
°
+45
°
±180°
0
°
–135
°
–90
°
–45
°
S21
16 GHz
0.5
1.0
2.0
1.0
0.5
2.0
0
–0.5
–1.0
–2.0
S22
Rmax. = 1
2 GHz
2 GHz
0.5
1.0
2.0
Rmax. = 5
2 GHz
16 GHz
16 GHz
2 GHz
16 GHz


Similar Part No. - NE960R275

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R275 NEC-NE960R275 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE960R275 RENESAS-NE960R275 Datasheet
245Kb / 10P
   N-CHANNEL GaAs MES FET
2003
logo
NEC
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
More results

Similar Description - NE960R275

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R5 NEC-NE960R5 Datasheet
62Kb / 12P
   0.5 W X, Ku-BAND POWER GaAs MES FET
NE650R279A NEC-NE650R279A Datasheet
77Kb / 8P
   0.2 W L, S-BAND POWER GaAs MES FET
logo
Eudyna Devices Inc
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
   X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
   X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
   X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com