Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

334-15-T1C1-1VXA Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 334-15-T1C1-1VXA
Description  LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T1C1-1VXA Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  334-15-T1C1-1VXA Datasheet HTML 1Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 2Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 3Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T1C1-1VXA Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ATASHEET
LAMP
334-15/T1C1-1VXA
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : May.03, 2013. Issue No:
DLE-0001085_Rev.4
www.everlight.com
CIE Chromaticity Diagram
Color Ranks (IF=20mA,
,Ta=25
)
Color Ranks
CIE
A1
X
0.255
0.264
0.28
0.27
Y
0.245
0.267
0.248
0.23
A0
X
0.264
0.283
0.296
0.28
Y
0.267
0.305
0.267
0.248
B3
X
0.283
0.304
0.307
0.287
Y
0.305
0.33
0.315
0.295
B4
X
0.304
0.33
0.33
0.307
Y
0.33
0.36
0.339
0.315
B5
X
0.287
0.307
0.311
0.296
Y
0.295
0.315
0.294
0.276
B6
X
0.307
0.33
0.33
0.311
Y
0.315
0.339
0.318
0.294
C0
X
0.33
0.361
0.355
0.33
Y
0.36
0.385
0.35
0.318
*Measurement uncertainty of the color coordinates
:±0.01
0.0
0.1
0.2
0 .3
0.4
0.5
0.6
0 .7
0.0
0.2
0.4
0.6
0.8
4600K
5600K
7000K
9000K
1 4000K
220 00K
B 4
C O
B5
B 3
AO
A 1
B6
C IE -X


Similar Part No. - 334-15-T1C1-1VXA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA Datasheet
360Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA Datasheet
239Kb / 12P
   Popular T-1 3/4 round package.
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA_11 Datasheet
239Kb / 12P
   Popular T-1 3/4 round package.
More results

Similar Description - 334-15-T1C1-1VXA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com