Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8112NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T8112NLT
Description  Family of 2-wire common mode chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T8112NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T8112NLT Datasheet HTML 1Page - Pulse A Technitrol Company T8112NLT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T673.D (04/12)
1
pulseelectronics.com
Common Mode Chokes
For DSL and Telecom Applications
Family of 2-wire common mode chokes
Low profile surface mount package
Cost-effective construction with Pulse SLIC patented technology
Range suited for many DSL and Telecom applications
T8114NL
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C / 80 Vdc - Operating Temperature -40°C to +85°C
RoHS-Compliant
Part Number
OCL
(mH +50% / -30%)
L
(
μH TYP)
DCR
(
Ω MAX)
Current Rating
(mAdc)
Isolation
(Vrms)
T8114NLT
4.70
0.4
0.7
400
500
Notes: Other custom inductance values available on request. Tube version available for sampling. Please contact Pulse Applications Engineering.
Weight ......................0.2 grams
Tape & Reel ................1600/reel
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25


Similar Part No. - T8112NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T8112NLT PULSE-T8112NLT Datasheet
87Kb / 2P
   COMMON MODE CHOKES
More results

Similar Description - T8112NLT

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com