Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1430GEU6-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP1430GEU6-HF
Description  Simple Gate Drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1430GEU6-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP1430GEU6-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1430GEU6-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1430GEU6-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1430GEU6-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP1430GEU6-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Ambient Temperature
4
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2
2.4
Q G , Total Gate Charge (nC)
I D =0.3A
V DS =30V
0
10
20
30
40
50
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
10
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 800℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0
0.1
0.2
0.3
0.4
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
Operation in this area
limited by RDS(ON)
0
0.2
0.4
0.6
0.8
01
234
56
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j =-40
o C


Similar Part No. - AP1430GEU6-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_16 Datasheet
68Kb / 5P
   Embedded Protection Diode
More results

Similar Description - AP1430GEU6-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF Datasheet
61Kb / 4P
   Lower Gate Charge, Simple Gate Drive
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP62T03GJ A-POWER-AP62T03GJ Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP4511GED-HF A-POWER-AP4511GED-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP4800DGM-HF A-POWER-AP4800DGM-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com