Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNMF12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RNMF12
Description  General Purpose Metal Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RNMF12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RNMF12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNMF12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RNMF12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 10/23/2012
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF/RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
R
N
F
1
4
F
T
D
4
K
7
5
70
60
50
40
30
20
10
0
100
Percent Rated Power (%)
20
40
60
80
RNF18
RNMF12
RNF12
RNMF14
RNF14
RNF
Standard
Value
Code
Code ppm
RNMF
Mini
T
10
E
25
2,500
C
50
1,000
D
100
2,000
1,000
(*) Precision metal film resistors with tolerances <1% may be available in smaller quantities. Contact factory for more details.
T
A
B
Bulk
Ammo
Tape and Reel
14
12
1
1W
0.25W
2W
B
PRNF
Panasert
RoHS
2
0.5W
10.2 Kohm = 10K2
Four characters with
the multiplier used
as the decimal
holder.
10 ohm = 10R0
RNF18, RNF14
RNF12, RNF1
RNF2
RNMF14, RNMF12
5,000
Product Series
Power
Size
TCR
Tolerance
Quantity
Packaging
0.125W
18
Description
J
G
2%
1%
5%
1 Mohm = 1M00
RNF1, RNF2
1,000
RNMF14, RNMF12
5,000 (*)
RNF12
E24
RNF18, RNF14, RNF12, RNF2
RNMF12, RNMF14
RNF18, RNF14
F
Resistance Value
Size
Tol
E96, E24
Code
0.05%
0.25%
0.5%
D
A
C
0.1%
Nominal
Code
Resistance
1/4
4.75K
Type
Description
Code
Tol
Values
SEI Types
Pkg Qty
Code
Description
RNF
Standard
1/8
T1 100ppm
0.05%
RNF18, RNF14, RNMF14, RNMF12
5,000
RNMF
Mini
1/4
T2
50ppm
0.1%
RNF12, RNF1
2,500
PRN
Panasert
1/2
T9
25ppm
0.25%
RNF2
1,000
PRNF
Pana - RoHS
1
TB
10ppm
0.5%
RNF18, RNF14, RNFM14, RNMF12
5,000 (*)
2
1%
RNF12
2,000
5%
E24
RNF1, RNF2
1,000
(*) Precision metal film resistors with tolerances <1% may be available in smaller quantities. Contact factory for more details.
RNF18, RNF14, RNF12, RNF2, RNF1,
RNMF14, RNMF12
1,000
A
Bulk
TCR
R
1%
R
Tape and Reel
E96, E24
T
Ammo
RNF
T1
SEI Type
Tolerance
Packaging
TCR
Surface Temperature Rise:
Legacy Part Number (before January 3, 2011):
How to Order


Similar Part No. - RNMF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNMF12 ETC1-RNMF12 Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
RNMF12 ETC2-RNMF12 Datasheet
117Kb / 3P
   General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNMF12 SEI-RNMF12 Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
RNMF12AAC10K2 SEI-RNMF12AAC10K2 Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
RNMF12AAC10R0 SEI-RNMF12AAC10R0 Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
More results

Similar Description - RNMF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
   General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
   General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
   general purpose metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
Willow Technologies Ltd
MF-12 WILLOW-MF-12 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com