Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP0904GMT-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP0904GMT-HF
Description  Simple Drive Requirement SO-8 Compatible with Heatsink Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP0904GMT-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP0904GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP0904GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP0904GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP0904GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP0904GMT-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
0
1
10
100
1000
0.01
0.1
1
10
100
V DS ,Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + Tc
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
2
4
6
8
10
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D =20A
V DS =20V
0
200
400
600
800
1000
1
5
9
131721
2529
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Q
VG
4.5V
QGS
QGD
QG
Charge
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP0904GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP0904GMT-HF A-POWER-AP0904GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP0904GMT-HF A-POWER-AP0904GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
More results

Similar Description - AP0904GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R403AGMT-HF A-POWER-AP2R403AGMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP4034GMT-HF A-POWER-AP4034GMT-HF Datasheet
95Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP9450GMT-HF A-POWER-AP9450GMT-HF Datasheet
58Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP0203GMT-HF A-POWER-AP0203GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP73T03GMT-HF A-POWER-AP73T03GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP9402GMT-HF A-POWER-AP9402GMT-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP3R303GMT-HF A-POWER-AP3R303GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP2R403GMT-HF A-POWER-AP2R403GMT-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP0904GMT-HF A-POWER-AP0904GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com