Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJFC5R6F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJFC5R6F
Description  Fixed Inductors (Chip Inductors)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC5R6F Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ELJFC5R6F Datasheet HTML 1Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 2Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 3Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 4Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 5Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 6Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 7Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 8Page - Panasonic Semiconductor ELJFC5R6F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Chip Inductors
Type:
□F, □E, □D, □C, □A, □B
Ceramic Core/Laser-Cut and wire wound type chip inductors for automatic and high-density mounting
Wide variation product line-up correspond to various needs
Recommended Applications
● Cellular phones, wireless communication equipment (W-LAN, Bluetooth), various modules, HIC, TV, VTR, PC & peripherals,
DVD, DSC, STB.
Inductors · Selection Guide
Size : mm (inch)
□B
(Size 4532)
□A
(Size 3225)
□D
(Size 2012)
□F
(Size 1005)
□C
(Size 2520)
□E
(Size 1608)
Technology
Case
Usage
Non wound
Wire wound
Size 1005
(0402)
Size 1608
(0603)
Size 2012
(0805)
Size 2520
(1008)
Size 3225
(1210)
Size 4532
(1812)
High Freq. Use
ELJRF
1.0–100 nH
ELJRE
1.0–220 nH
ELJND
10–1000 nH
ELJNC
10–820 nH
ELJNA
47–8200 nH
High Freq.
High-Q
ELJQF
1.0–39 nH
ELJQE
2.2–56 nH
General Use
ELJFC
0.22–100 µH
ELJFA
0.22–220 µH
ELJFB
0.22–1000 µH
High Power
ELJPF
2.2–10 nH
ELJPE
2.2–22 nH
ELJPC/PC
□3
ELJLC
1.0–33 µH
ELJPA/PA
□2
ELJLA
1.0–330 µH
ELJPB
10–220 µH
Magnetically
Shielded
ELJSC
27–100 µH
ELJSA
10–270 µH
Low DC
Resistance
ELJEA
1.0–330 µH
Signal
Processing Use
(Low Distortion Type)
ELJDA/ELJFA
39–100 µH
Sep. 2012
03
8
Discontinued
:Wirewound Chip Inductor. □D, □C, □A, □B
Discontinued


Similar Part No. - ELJFC5R6F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC5R6F PANASONIC-ELJFC5R6F Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC5R6F PANASONIC-ELJFC5R6F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC5R6F PANASONIC-ELJFC5R6F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFC5R6F PANASONIC-ELJFC5R6F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC5R6F PANASONIC-ELJFC5R6F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFC5R6F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com