Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT108-600D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ACT108-600D
Description  AC Thyristor power switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACT108-600D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ACT108-600D Datasheet HTML 3Page - NXP Semiconductors ACT108-600D Datasheet HTML 4Page - NXP Semiconductors ACT108-600D Datasheet HTML 5Page - NXP Semiconductors ACT108-600D Datasheet HTML 6Page - NXP Semiconductors ACT108-600D Datasheet HTML 7Page - NXP Semiconductors ACT108-600D Datasheet HTML 8Page - NXP Semiconductors ACT108-600D Datasheet HTML 9Page - NXP Semiconductors ACT108-600D Datasheet HTML 10Page - NXP Semiconductors ACT108-600D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NXP Semiconductors
ACT108-600D
AC Thyristor power switch
ACT108-600D
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
20 August 2014
7 / 12
IGT
IGT(25°C)
Tj (°C)
- 50
0
150
100
50
1
2
3
0
003aac809
(1)
(2)
(1)
(2)
(1) LD+ G-
(2) LD- G-
Fig. 6. Normalized gate trigger current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
003aac811
1
2
3
0
IL
IL(25°C)
Fig. 7. Normalized latching current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
003aac810
1
2
3
0
IH
IH(25°C)
Fig. 8. Normalized holding current as a function of
junction temperature
003aaf722
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
VT (V)
IT
(A)
(1)
(2)
(3)
Vo = 0.758 V; Rs = 0.263 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 9. On-state current as a function of on-state
voltage


Similar Part No. - ACT108-600D

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACT108-600D WEEN-ACT108-600D Datasheet
357Kb / 12P
   Exclusive negative gate triggering
ACT108-600DG WEEN-ACT108-600DG Datasheet
357Kb / 12P
   Exclusive negative gate triggering
More results

Similar Description - ACT108-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACT108-600E NXP-ACT108-600E Datasheet
339Kb / 12P
   AC Thyristor power switch
Rev. 02-21 October 2009
logo
WeEn Semiconductors
ACT108-600E WEEN-ACT108-600E Datasheet
357Kb / 12P
   AC Thyristor power switch
logo
NXP Semiconductors
ACT108-600E PHILIPS-ACT108-600E Datasheet
339Kb / 12P
   AC Thyristor power switch
Rev. 02-21 October 2009
ACT108W-600E PHILIPS-ACT108W-600E Datasheet
283Kb / 13P
   AC Thyristor power switch
Rev. 04-9 December 2009
logo
WeEn Semiconductors
ACT108W-600D WEEN-ACT108W-600D Datasheet
232Kb / 14P
   AC Thyristor power switch
ACT108W-600E WEEN-ACT108W-600E Datasheet
233Kb / 14P
   AC Thyristor power switch
ACT102H-600D WEEN-ACT102H-600D Datasheet
210Kb / 13P
   AC Thyristor power switch
ACT108-800E WEEN-ACT108-800E Datasheet
358Kb / 13P
   AC Thyristor power switch
logo
NXP Semiconductors
ACT108W-600E NXP-ACT108W-600E Datasheet
390Kb / 13P
   AC Thyristor power switch
Rev. 03-21 October 2009
logo
WeEn Semiconductors
ACT108W-800E WEEN-ACT108W-800E Datasheet
1Mb / 14P
   AC Thyristor power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com