Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

370506 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 370506
Description  7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 6
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

370506 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  370506 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39371-0006
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
7.50mm Beau™ Eurostyle™ Pluggable PCB Terminal Block, 180° Wire Entry, 6
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39371
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
822348040209
Physical
Circuits (Loaded)
6
Entry Angle
180° Angle
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
Orientation
Right Angle
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
7.50mm
Pitch - Termination Interface
7.50mm
Polarized to Mating Part
Yes
Stackable
Yes
Temperature Range - Operating
110°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.05 - 2.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
370506
Reference - Drawing Numbers
Sales Drawing
SD-39371-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39371Series
Mates With
39372 , 39373 Headers
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 370506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
370506 MOLEX5-370506 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 6 Circuits
More results

Similar Description - 370506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39371-0005 MOLEX11-39371-0005 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 5
39371-0007 MOLEX11-39371-0007 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 7
39371-0003 MOLEX11-39371-0003 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 3
39371-0004 MOLEX11-39371-0004 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 4
39371-0002 MOLEX11-39371-0002 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 2
39374-0806 MOLEX11-39374-0806 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 90 Wire Entry, 6 Circuits
0393710006 MOLEX5-0393710006 Datasheet
220Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 180째 Wire Entry, 6 Circuits
0393740906 MOLEX5-0393740906 Datasheet
218Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 6 Circuits
0393740806 MOLEX5-0393740806 Datasheet
219Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 90째 Wire Entry, 6 Circuits
39371-0009 MOLEX11-39371-0009 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com