Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

264-7SURT-S530-A3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 264-7SURT-S530-A3
Description  LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-7SURT-S530-A3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  264-7SURT-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 264-7SURT-S530-A3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATASHEET
LAMP
264-7SURT/S530-A3
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jul.07. 2014. Issue No: DLE-0006827_Rev.3
www.everlight.com
Pb
EL ECTROSTATICELECTRONAGNETIC
MAGNETICORRADIOACTIVERELDS
anti-staticfor 750
Moisture Resistant Packing Materials
Label Explanation
CPN: Customer's
Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF:
Forward Voltage
LOT No: Lot Number
Packing Specification
Anti-electrostatic bag
Inner Carton
Outside Carton
RoHS
Pb
X
EVERLIGHT
264-7SURT/S530-A3
Packing Quantity
1. Min 200 To 1000 PCS/1 Bag, 4 Bags/1 Inner Carton
2. 10 Inner Cartons/1 Outside Carton


Similar Part No. - 264-7SURT-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-7SURT-S530-A3 EVERLIGHT-264-7SURT-S530-A3 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 264-7SURT-S530-A3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com