Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

264-7SURC-S400-A8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 264-7SURC-S400-A8
Description  LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-7SURC-S400-A8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  264-7SURC-S400-A8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 264-7SURC-S400-A8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATASHEET
LAMP
264-7SURC/S400-A8
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : Feb.03. 2013.Issue No:
DLE-0006044_Rev.2
www.everlight.com
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength (Ta=25
℃)
Directivity (Ta=25
℃)
Wavelength (nm)
Relative Intensity (a.u.)
Forward Current vs. Forward Voltage (Ta=25
℃)
Relative Intensity vs. Forward Current (Ta=25
℃)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Voltage (V)
Forward Current (mA)
Relative Intensity vs. Ambient Temp.
Forward Current vs. Ambient Temp.
25
30
35
40
45
50
55
60
65
70
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta
(℃)
Ambient Temperature Ta
(℃)


Similar Part No. - 264-7SURC-S400-A8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-7SURC-S400-A8 EVERLIGHT-264-7SURC-S400-A8 Datasheet
117Kb / 7P
   3.0mm Round Type LED Lamps
264-7SURC-S400-A8 EVERLIGHT-264-7SURC-S400-A8_04 Datasheet
97Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 264-7SURC-S400-A8

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com