Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2A225TW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A2A225TW
Description  FORMULA UL Molded Case Circuit Breakers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A2A225TW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A2A225TW Datasheet HTML 1Page - List of Unclassifed Manufacturers A2A225TW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power and productivity
for a better world TM
General
ABB‘s FORMULA molded case circuit breaker line offers simplic-
ity and quality in some of the smallest dimensions available. The
FORMULA A1 breaker frame size ranges in amperes from 15
through 100 with protection trip units that have fixed thermal
and magnetic threshold values. The frame is available in a fixed
version with front terminals.
Standards
UL 489 & IEC 60947-2
Dimensions (w x d x h):
1 pole: 1.00" x 2.36" x 5.12"
2 pole: 2.00" x 2.36" x 5.12"
3 pole: 3.00" x 2.36" x 5.12"
Weight:
1 pole: 0.54 lbs
2 pole: 1.04 lbs
3 pole: 1.54 lbs
Available Accessories:
Shunt opening release (2p & 3p)
Undervoltage release (2p & 3p)
Auxiliary contacts (2p & 3p)
Termination kits (1p, 2p & 3p)
Padlocks (1p, 2p & 3p)
Direct and extended rotary handles (3p)
A1 100A - Fixed (F) 1 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (18kA)
15
400
A1A015TW-1
A1N015TW-1
20
400
A1A020TW-1
A1N020TW-1
25
400
A1A025TW-1
A1N025TW-1
30
400
A1A030TW-1
A1N030TW-1
40
400
A1A040TW-1
A1N040TW-1
50
500
A1A050TW-1
A1N050TW-1
60
600
A1A060TW-1
A1N060TW-1
70
700
A1A070TW-1
A1N070TW-1
80
800
A1A080TW-1
A1N080TW-1
90
900
A1A090TW-1
A1N090TW-1
100
1000
A1A100TW-1
A1N100TW-1
A1 100A - Fixed (F) 2 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (25kA)
15
400
A1A015TW-2
A1N015TW-2
20
400
A1A020TW-2
A1N020TW-2
25
400
A1A025TW-2
A1N025TW-2
30
400
A1A030TW-2
A1N030TW-2
40
400
A1A040TW-2
A1N040TW-2
50
500
A1A050TW-2
A1N050TW-2
60
600
A1A060TW-2
A1N060TW-2
70
700
A1A070TW-2
A1N070TW-2
80
800
A1A080TW-2
A1N080TW-2
90
900
A1A090TW-2
A1N090TW-2
100
1000
A1A100TW-2
A1N100TW-2
A1 100A - Fixed (F) 3 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (25kA)
15
300
A1A015TW
A1N015TW
20
300
A1A020TW
A1N020TW
25
300
A1A025TW
A1N025TW
30
300
A1A030TW
A1N030TW
40
400
A1A040TW
A1N040TW
50
500
A1A050TW
A1N050TW
60
600
A1A060TW
A1N060TW
70
700
A1A070TW
A1N070TW
80
800
A1A080TW
A1N080TW
90
900
A1A090TW
A1N090TW
100
1000
A1A100TW
A1N100TW
A1 Frames
FORMULA UL Molded Case Circuit Breakers
A1 & A2 Frames


Similar Description - A2A225TW

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com