Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU10N20C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQU10N20C
Description  N-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU10N20C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQU10N20C Datasheet HTML 1Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 2Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 3Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 4Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 5Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 6Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 7Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 8Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
FQD10N20C / FQU10N20C Rev. C2
www.fairchildsemi.com
4
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10 ms
100 μs
DC
1 ms
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1. Z
θ JC ( t ) = 2. 5
/W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3. T
JM - T C = P DM * Z θ JC (t )
s ingle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q uar e W a v e P u ls e D u r a t i on [ s ec ]
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 3.9 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 μ A
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature


Similar Part No. - FQU10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU10N20C FAIRCHILD-FQU10N20C Datasheet
589Kb / 9P
   200V N-Channel MOSFET
FQU10N20C FAIRCHILD-FQU10N20C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
logo
Inchange Semiconductor ...
FQU10N20C ISC-FQU10N20C Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQU10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com