Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C47 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C47
Description  SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C47 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C47 Datasheet HTML 1Page - Diodes Incorporated BZT52C47 Datasheet HTML 2Page - Diodes Incorporated BZT52C47 Datasheet HTML 3Page - Diodes Incorporated BZT52C47 Datasheet HTML 4Page - Diodes Incorporated BZT52C47 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZT52C2V0 - BZT52C51
Document number: DS18004 Rev. 37 - 2
3 of 5
www.diodes.com
September 2012
© Diodes Incorporated
BZT52C2V0 - BZT52C51
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
R
= 338°C/W
Note 8
θJA
0
5
10
15
20
02
4
6
8
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
C2V0
C2V4
C2V7
C3V0
C3V3
C3V6
C3V9
C4V3
C4V7
C5V1
C5V6
C6V2
C6V8
C7V5
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test Current I
5mA
Z
Test Current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
0
2
4
6
8
10
10
0
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R


Similar Part No. - BZT52C47

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZT52C47 DIOTEC-BZT52C47 Datasheet
55Kb / 2P
   Surface mount Zener Diodes
logo
Dongguan City Niuhang E...
BZT52C47 NIUHANG-BZT52C47 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
Galaxy Semi-Conductor H...
BZT52C47 BILIN-BZT52C47 Datasheet
174Kb / 4P
   Surface mount zener diode
logo
Diode Semiconductor Kor...
BZT52C47 DSK-BZT52C47 Datasheet
284Kb / 4P
   Surface mount zener diode
logo
Weitron Technology
BZT52C47 WEITRON-BZT52C47 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - BZT52C47

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com