Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE71383B Datasheet(PDF) 2 Page - NEC

Part # NE71383B
Description  L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE71383B Datasheet(HTML) 2 Page - NEC

  NE71383B Datasheet HTML 1Page - NEC NE71383B Datasheet HTML 2Page - NEC NE71383B Datasheet HTML 3Page - NEC NE71383B Datasheet HTML 4Page - NEC NE71383B Datasheet HTML 5Page - NEC NE71383B Datasheet HTML 6Page - NEC NE71383B Datasheet HTML 7Page - NEC NE71383B Datasheet HTML 8Page - NEC NE71383B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
NE713
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Gate to Source Leak Current
IGSO
1.0
10
µAVGS = −5 V
Saturated Drain Current
IDSS
20
40
120
mA
VDS = 3 V, VGS = 0 V
Gate to Source Cut off Voltage
VGS (off)
−0.5
−1.1
−3.5
V
VDS = 3 V, ID = 100
µA
Transconductance
gm
20
50
mS
VDS = 3 V, ID = 10 mA
Noise Figure
NF
0.6
0.7
dB
f = 4 GHz
VDS = 3 V
Associated Gain
Ga
11.5
14.0
dB
ID = 10 mA
Noise Figure
NF
1.6
1.8
dB
f = 12 GHz
Associated Gain
Ga
8.0
9.5
dB
Output Power at 1 dB Gain
Compression Point
Po (1 dB)
14.5
dBm
f = 12 GHz
VDS = 3 V
ID = 30 mA
Thermal Resistance
Rth
190
°C/W
NE71300
Channel to case
450
°C/W
NE71383B
1.88
± 0.3
PACKAGE DIMENSIONS (Unit : mm) [NE71383B]
1.0
± 0.1
3
1.
2.
3.
4.
Source
Drain
Source
Gate
4
2
1
4.0 MIN.
4.0 MIN.


Similar Part No. - NE71383B

ManufacturerPart #DatasheetDescription
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
Renesas Technology Corp
NE71383B RENESAS-NE71383B Datasheet
243Kb / 18P
   GaAs MES FET
1996
More results

Similar Description - NE71383B

ManufacturerPart #DatasheetDescription
logo
NEC
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
   C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE67400 CEL-NE67400 Datasheet
110Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE67400B CEL-NE67400B Datasheet
116Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
   LOW NOISE L TO Ku-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com