Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1N025TW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A1N025TW
Description  FORMULA UL Molded Case Circuit Breakers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1N025TW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A1N025TW Datasheet HTML 1Page - List of Unclassifed Manufacturers A1N025TW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power and productivity
for a better world TM
ABB Inc.
Low Voltage Control Products
16250 W. Glendale Drive
New Berlin, WI 53151
Phone: 888-385-1221
Fax:
800-726-1441
USA Technical Support & Customer Service:
888-385-1221, Option 4
7:30AM to 5:30PM, CST,
Monday - Friday
lvps.support@us.abb.com
Web:
www.abb.us/lowvoltage
General
ABB’s FORMULA molded case circuit breaker line offers simplic-
ity and quality in some of the smallest dimensions available. The
FORMULA A2 breaker frame size ranges in amperes from 125
through 250 with protection trip units that have fixed thermal
and magnetic threshold values. The frame is available in a fixed
version with front terminals.
Standards
UL 489 & IEC 60947-2
Dimensions (w x d x h):
1 pole: 1.38" x 2.36" x 5.91"
2 pole: 2.76" x 2.36" x 5.91"
3 pole: 4.13" x 2.36" x 5.91"
Weight:
1 pole: 0.82 lbs
2 pole: 1.61 lbs
3 pole: 2.43 lbs
Available Accessories:
Shunt opening release (2p & 3p)
Undervoltage release (2p & 3p)
Auxiliary contacts (2p & 3p)
Termination kits (1p, 2p & 3p)
Padlocks (1p, 2p & 3p)
Direct and extended rotary handles (3p)
A2 250A - Fixed (F) 1 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (14kA)
125
1250
A2A125TW-1
A2N125TW-1
150
1500
A2A150TW-1
A2N150TW-1
175
1750
A2A175TW-1
A2N175TW-1
200
2000
A2A200TW-1
A2N200TW-1
225
2250
A2A225TW-1
A2N225TW-1
250
2500
A2A250TW-1
A2N250TW-1
A2 250A - Fixed (F) 2 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (25kA)
125
1250
A2A125TW-2
A2N125TW-2
150
1500
A2A150TW-2
A2N150TW-2
175
1750
A2A175TW-2
A2N175TW-2
200
2000
A2A200TW-2
A2N200TW-2
225
2250
A2A225TW-2
A2N225TW-2
250
2500
A2A250TW-2
A2N250TW-2
A2 250A - Fixed (F) 3 pole - Front terminals (F)
Thermomagnetic trip unit - TMF Icu (240 V)
Rating
A
Magnetic trip
A
Catalog number
A (10kA)
Catalog number
N (25kA)
125
1250
A2A125TW
A2N125TW
150
1500
A2A150TW
A2N150TW
175
1750
A2A175TW
A2N175TW
200
2000
A2A200TW
A2N200TW
225
2250
A2A225TW
A2N225TW
250
2500
A2A250TW
A2N250TW
A2 Frames


Similar Part No. - A1N025TW

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A1N DYELEC-A1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
A1N4148W-HF COMCHIP-A1N4148W-HF Datasheet
469Kb / 4P
   SMD Switching Diode
REV:A
A1N4148WS-HF COMCHIP-A1N4148WS-HF Datasheet
461Kb / 4P
   SMD Switching Diode
REV:A
A1N4148WT-HF COMCHIP-A1N4148WT-HF Datasheet
461Kb / 4P
   High Speed Switching Diode
REV:A
More results

Similar Description - A1N025TW

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com