Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJN3314RTA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJN3314RTA
Description  NPN Epitaxial Silicon Transistor with Bias Resistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJN3314RTA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJN3314RTA Datasheet HTML 1Page - Fairchild Semiconductor FJN3314RTA Datasheet HTML 2Page - Fairchild Semiconductor FJN3314RTA Datasheet HTML 3Page - Fairchild Semiconductor FJN3314RTA Datasheet HTML 4Page - Fairchild Semiconductor FJN3314RTA Datasheet HTML 5Page - Fairchild Semiconductor FJN3314RTA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJN3314R Rev. 1.1.2
1
November 2013
FJN3314R
NPN Epitaxial Silicon Transistor with Bias Resistor
Features
• 100 mA Output Current Capability
• Built-in Bias Resistor (R1 = 4.7 kΩ, R2 = 47 kΩ)
Application
• Switching, Interface, and Driver Circuits
• Inverters
• Digital Applications in Industrial Segments
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
FJN3314RTA
R3314
TO-92 3L
Ammo
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
Equivalent Circuit
C
R1
E
B
R2
1. Emitter 2. Collector 3. Base
TO-92
1
Description
Transistors with built-in resistors can be excellent
space- and cost-saving solutions by reducing compo-
nent count and simplifying circuit design.


Similar Part No. - FJN3314RTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3314R FAIRCHILD-FJN3314R Datasheet
28Kb / 3P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - FJN3314RTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJX3007RTF FAIRCHILD-FJX3007RTF Datasheet
170Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
FJX4006RTF FAIRCHILD-FJX4006RTF Datasheet
170Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com