Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-31E-GPSC-U8P2R1B7G8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 67-31E-GPSC-U8P2R1B7G8
Description  Power Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31E-GPSC-U8P2R1B7G8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-31E-GPSC-U8P2R1B7G8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-06-19 18:20:51.0
DATASHEET
SMD  Power Top View LEDs
67-31E-GPSC-U8P2R1B7G-2T8-AM
8
Copyright © 2010, Everlight All Rights Reserved. Release Date : 05.06.2013. Issue No: DSE-0003027
www.everlight.com
Moisture Resistant Packing Materials
Label Explanation
CPN: Customer’s Product Number
P/N: Product Number
QTY: Packing Quantity
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
LOT No: Lot Number
Reel Dimensions
Carrier Tape Dimensions: Loaded Quantity 2000 pcs Per Reel
Note: Tolerances unless mentioned ±0.1mm. Unit = mm


Similar Part No. - 67-31E-GPSC-U8P2R1B7G8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31E-RSC-AV1W2B9Z5-2T EVERLIGHT-67-31E-RSC-AV1W2B9Z5-2T Datasheet
261Kb / 10P
   Power Top View LED
67-31E-RSC-AV1W2B9Z5-2T EVERLIGHT-67-31E-RSC-AV1W2B9Z5-2T Datasheet
261Kb / 10P
   Power Top View LED
67-31E-SCC-7HBACAC1G8 EVERLIGHT-67-31E-SCC-7HBACAC1G8 Datasheet
401Kb / 10P
   Power Top LEDs
67-31E-SCC-7HCACBG9H8 EVERLIGHT-67-31E-SCC-7HCACBG9H8 Datasheet
341Kb / 10P
   Power Top LEDs
67-31E-YDC-E9BACAG3G8 EVERLIGHT-67-31E-YDC-E9BACAG3G8 Datasheet
341Kb / 9P
   Power Top LEDs
More results

Similar Description - 67-31E-GPSC-U8P2R1B7G8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL3527GA1-AM EVERLIGHT-EAPL3527GA1-AM Datasheet
400Kb / 10P
   Power Top View LEDs
EAPL3527RB0 EVERLIGHT-EAPL3527RB0 Datasheet
423Kb / 9P
   Power Top View LEDs
EHP-A09K-YFTC EVERLIGHT-EHP-A09K-YFTC Datasheet
482Kb / 16P
   Advanced Power Top View LEDs
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com