Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC643 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74HC643
Description  Octal Bus Transceivers (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC643 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74HC643 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 10Page - Hitachi Semiconductor HD74HC643 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-20DB
Conforms
0.52 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.12
0.15
0
° – 8°
M
20
11
1
1.27
10
12.8
13.2 Max
*0.42
± 0.08
+ 0.57
– 0.30
0.70
+ 0.25
– 0.40
10.40
1.45
0.935 Max
0.40
± 0.06


Similar Part No. - HD74HC643

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC643 RENESAS-HD74HC643 Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
HD74HC643RPEL RENESAS-HD74HC643RPEL Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
More results

Similar Description - HD74HC643

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com