Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC564 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74HC564
Description  Octal D-type Flip-Flops (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC564 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74HC564 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 10Page - Hitachi Semiconductor HD74HC564 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-20N
Conforms
1.26 g
Unit: mm
7.62
0.25
+ 0.11
– 0.05
2.54
± 0.25
0.48
± 0.10
24.50
25.40 Max
0.89
1.30
1
10
11
20
0
° – 15°
1.27 Max


Similar Part No. - HD74HC564

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC564 RENESAS-HD74HC564 Datasheet
120Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC564FPEL RENESAS-HD74HC564FPEL Datasheet
120Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC564FPEL RENESAS-HD74HC564FPEL Datasheet
143Kb / 12P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC564P RENESAS-HD74HC564P Datasheet
120Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC564P RENESAS-HD74HC564P Datasheet
143Kb / 12P
   Octal D-type Flip-Flops (with 3-state outputs)
More results

Similar Description - HD74HC564

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com