Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1005 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # KBPC1005
Description  Single Phase Rectifier Bridge, 3 A, 6 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC1005 Datasheet(HTML) 4 Page - Vishay Siliconix

  KBPC1005 Datasheet HTML 1Page - Vishay Siliconix KBPC1005 Datasheet HTML 2Page - Vishay Siliconix KBPC1005 Datasheet HTML 3Page - Vishay Siliconix KBPC1005 Datasheet HTML 4Page - Vishay Siliconix KBPC1005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 95250
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Nov-07
1
D-72
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
+
~
~
Ø 3.80 (Ø 0.150)
15.75 (0.620)
14.75 (0.580)
15.75 (0.620)
14.75 (0.580)
10.8 (0.425)
10.0 (0.394)
5.33 (0.210)
4.33 (0.170)
25.4 (1.000)
MIN.
Ø 1.10 (Ø 0.043)
Ø 0.90 (Ø 0.035)
10.8 (0.425)
10.0 (0.394)


Similar Part No. - KBPC1005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
   3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Yangzhou yangjie electr...
KBPC1005 YANGJIE-KBPC1005 Datasheet
245Kb / 2P
   SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
International Rectifier
KBPC1005 IRF-KBPC1005 Datasheet
68Kb / 3P
   3A, 6A single phase ractifier bridges
logo
Shanghai Sunrise Electr...
KBPC1005 SSE-KBPC1005 Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
KBPC1005 VISHAY-KBPC1005 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
More results

Similar Description - KBPC1005

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBPC1 NJSEMI-KBPC1 Datasheet
187Kb / 3P
   Single Phase Rectifier Bridge, 3 A, 6 A
logo
Vishay Siliconix
VS-KBPC1 VISHAY-VS-KBPC1_V01 Datasheet
124Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
01-Jan-2022
VS-KBPC1 VISHAY-VS-KBPC1_V02 Datasheet
123Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
01-Jan-2023
KBPC102 VISHAY-KBPC102 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
KBPC1 VISHAY-KBPC1 Datasheet
123Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
KBPC604PBF VISHAY-KBPC604PBF Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
VS-KBPC1 VISHAY-VS-KBPC1 Datasheet
122Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revisio: 16-Mar-17
logo
Rugao Dachang Electroni...
KBJ6A DACHANG-KBJ6A Datasheet
195Kb / 2P
   Single-phase Silicon Bridge Rectifier Forward Current 6 A
logo
Vishay Siliconix
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
   Single Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2022
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com