Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-215-S3C-5UQ2R2B0E Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 17-215-S3C-5UQ2R2B0E
Description  RoHS compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-215-S3C-5UQ2R2B0E Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 17-215-S3C-5UQ2R2B0E Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 9Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 10Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 11Page - Everlight Electronics Co., Ltd 17-215-S3C-5UQ2R2B0E Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2014-09-12 16:34:38.0
DATASHEET
SMD  B
17-215-S3C-5UQ2R2B0E-3T-AM
11
Copyright © 2010, Everlight All Rights Reserved. Release Date:September.9.2014 Issue No:DSE-0006769 Rev.2
www.everlight.com
(B) Recommend soldering pad
Note: Tolerances unless mentioned ±0.1mm. Unit = mm
2. Current limiting
A resistor should be used to limit current spikes that can be caused by voltage fluctuations. Otherwise
damage could occur.
3. Storage
3.1 Moisture proof bag should only be opened immediately prior to usage.
3.2 Environment should be less than 30℃ and 60% RH when moisture proof bag is opened.
3.3 After opening the package MSL Conditions stated on page 1 of this spec should not be exceeded.
3.4 If the moisture sensitivity card indicates higher than acceptable moisture, the component should be baked
at min. 60deg +/-5deg for 24 hours.
4. Iron Soldering
Hand soldering is not recommended for regular production. These guidelines are for rework only. Soldering
iron tip should contact each terminal no more than 3 sec at 350℃, using soldering iron with nominal power


Similar Part No. - 17-215-S3C-5UQ2R2B0E

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215-S3C-5UQ2R2B0E EVERLIGHT-17-215-S3C-5UQ2R2B0E_15 Datasheet
348Kb / 12P
   Chip LED package
More results

Similar Description - 17-215-S3C-5UQ2R2B0E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com