Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB30NF20 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF20 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB30NF20 Datasheet HTML 5Page - STMicroelectronics STB30NF20 Datasheet HTML 6Page - STMicroelectronics STB30NF20 Datasheet HTML 7Page - STMicroelectronics STB30NF20 Datasheet HTML 8Page - STMicroelectronics STB30NF20 Datasheet HTML 9Page - STMicroelectronics STB30NF20 Datasheet HTML 10Page - STMicroelectronics STB30NF20 Datasheet HTML 11Page - STMicroelectronics STB30NF20 Datasheet HTML 12Page - STMicroelectronics STB30NF20 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STP30NF20 - STW30NF20 - STB30NF20
Test circuit
9/16
3
Test circuit
Figure 16. Switching times test circuit for
resistive load
Figure 17. Gate charge test circuit
Figure 18. Test circuit for inductive load
switching and diode recovery times
Figure 19. Unclamped inductive load test
circuit
Figure 20. Unclamped inductive waveform
Figure 21. Switching time waveform


Similar Part No. - STB30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NF20 STMICROELECTRONICS-STB30NF20 Datasheet
390Kb / 16P
   N-channel 200V - 0.065廓 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET??Power MOSFET
logo
Inchange Semiconductor ...
STB30NF20 ISC-STB30NF20 Datasheet
399Kb / 2P
   isc N-Channel MOSFET Transistor
STB30NF20 ISC-STB30NF20 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB30NF20L STMICROELECTRONICS-STB30NF20L Datasheet
853Kb / 14P
   Very good manufacturing repeatability
More results

Similar Description - STB30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
   N-channel 200V - 0.065廓 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET??Power MOSFET
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
   N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
   N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
   N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
   N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
   N-channel 200V - 0.038廓 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
   N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
   N-channel 250V - 0.055廓 - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
   N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
   N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com