Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1EM102 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA1EM102
Description  Aluminum Electrolytic Capacitors/ M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1EM102 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA1EM102 Datasheet HTML 1Page - Panasonic Semiconductor ECA1EM102 Datasheet HTML 2Page - Panasonic Semiconductor ECA1EM102 Datasheet HTML 3Page - Panasonic Semiconductor ECA1EM102 Datasheet HTML 4Page - Panasonic Semiconductor ECA1EM102 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
– EE126 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
100
33
8
11.5
145
0.10
0.6
3.5
5.0
ECA2AM330( )
200
1000
47
8
11.5
180
0.10
0.6
3.5
5.0
ECA2AM470( )
200
1000
100
10
16
350
0.10
0.6
5.0
5.0
ECA2AM101( )
200
500
220
12.5
20
550
0.10
0.6
5.0
5.0
ECA2AM221( )
200
500
330
12.5
25
700
0.10
0.6
5.0
5.0
ECA2AM331( )
200
500
470
16
25
900
0.10
0.8
7.5
7.5
ECA2AM471( )
100
250
1000
18
35.5
1300
0.10
0.8
7.5
ECA2AM102
50
160
16.3
11.2
36
0.16
0.5
2.5
5.0
2.5
ECA2CM010( )
200
2000
2.2
6.3
11.2
53
0.16
0.5
2.5
5.0
2.5
ECA2CM2R2( )
200
2000
3.3
6.3
11.2
66
0.16
0.5
2.5
5.0
2.5
ECA2CM3R3( )
200
2000
4.7
6.3
11.2
78
0.16
0.5
2.5
5.0
2.5
ECA2CM4R7( )
200
2000
10
10
12.5
105
0.16
0.6
5.0
5.0
ECA2CM100( )
200
500
22
10
16
175
0.16
0.6
5.0
5.0
ECA2CM220( )
200
500
33
10
20
235
0.16
0.6
5.0
5.0
ECA2CM330( )
200
500
47
12.5
20
320
0.16
0.6
5.0
5.0
ECA2CM470( )
200
500
100
12.5
25
515
0.16
0.6
5.0
5.0
ECA2CM101( )
200
500
220
16
31.5
830
0.16
0.8
7.5
ECA2CM221
100
330
18
31.5
1090
0.16
0.8
7.5
ECA2CM331
50
470
18
40
1440
0.16
0.8
7.5
ECA2CM471
50
200
16.3
11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2DM010( )
200
2000
2.2
6.3
11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2DM2R2( )
200
2000
3.3
6.3
11.2
62
0.18
0.5
2.5
5.0
2.5
ECA2DM3R3( )
200
2000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2DM4R7( )
200
1000
10
10
12.5
100
0.18
0.6
5.0
5.0
ECA2DM100( )
200
500
22
10
20
180
0.18
0.6
5.0
5.0
ECA2DM220( )
200
500
33
10
20
220
0.18
0.6
5.0
5.0
ECA2DM330( )
200
500
47
12.5
20
300
0.18
0.6
5.0
5.0
ECA2DM470( )
200
500
100
16
25
475
0.18
0.8
7.5
7.5
ECA2DM101( )
100
250
220
18
31.5
835
0.18
0.8
7.5
ECA2DM221
50
330
18
40
1140
0.18
0.8
7.5
ECA2DM331
50
250
16.3
11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2EM010( )
200
2000
2.2
6.3
11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2EM2R2( )
200
2000
3.3
8
11.5
72
0.18
0.6
3.5
5.0
ECA2EM3R3( )
200
1000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2EM4R7( )
200
1000
10
10
16
110
0.18
0.6
5.0
5.0
ECA2EM100( )
200
500
22
10
20
180
0.18
0.6
5.0
5.0
ECA2EM220( )
200
500
33
12.5
20
250
0.18
0.6
5.0
5.0
ECA2EM330( )
200
500
47
12.5
25
330
0.18
0.6
5.0
5.0
ECA2EM470( )
200
500
100
16
31.5
530
0.18
0.8
7.5
ECA2EM101
100
220
18
40
930
0.18
0.8
7.5
ECA2EM221
50
350
16.3
11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2VM010( )
200
2000
2.2
8
11.5
55
0.20
0.6
3.5
5.0
ECA2VM2R2( )
200
1000
Endurance : 85 °C 2000 h
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
The taping dimensions are explained on EE189 of our Catalog. Please use it as a reference guide.
Sep. 2010
00


Similar Part No. - ECA1EM102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1EM102 PANASONIC-ECA1EM102 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1EM102 PANASONIC-ECA1EM102 Datasheet
77Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM102 PANASONIC-ECA1EM102 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
List of Unclassifed Man...
ECA1EM102 ETC2-ECA1EM102 Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
Panasonic Semiconductor
ECA1EM102 PANASONIC-ECA1EM102 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1EM102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com