Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4939 Datasheet(PDF) 6 Page - Rohm

Part # BD4939
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4939 Datasheet(HTML) 6 Page - Rohm

Back Button BD4939 Datasheet HTML 2Page - Rohm BD4939 Datasheet HTML 3Page - Rohm BD4939 Datasheet HTML 4Page - Rohm BD4939 Datasheet HTML 5Page - Rohm BD4939 Datasheet HTML 6Page - Rohm BD4939 Datasheet HTML 7Page - Rohm BD4939 Datasheet HTML 8Page - Rohm BD4939 Datasheet HTML 9Page - Rohm BD4939 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Datasheet
6/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 to +10
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +10
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
Io
70
mA
Power
Dissipation
SSOP5
*1*4
Pd
540
mW
SSOP3
*2*4
700
VSOF5
*3*4
210
Operating Temperature
Topr
-40 to +105
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1
Reduced by 5.4mW/°C when used over 25°C.
*2
Reduced by 7.0mW/°C when used over 25°C.
*3
Reduced by 2.1mW/°C when used over 25°C.
*4
When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board).
Electrical Characteristics (Unless Otherwise Specified, Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
RL=470kΩ, VDD=H
L
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 105°C
2.404
-
2.597
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 105°C
2.885
-
3.117
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 105°C
3.173
-
3.428
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 105°C
4.039
-
4.364
VDET=4.8V
Ta=+25°C
4.752
4.8
4.848
Ta=-40°C to 85°C
4.641
-
4.961
Ta=85°C to 105°C
4.616
-
4.987
Output Delay Time “L
H”
tPLH
CL=100pF R
=100kΩ
*2
Vout=GND
50%
-
-
100
µs
Circuit Current when ON
ICC1
VDD=VDET-0.2V
*1
VDET=2.3-3.1V
-
0.51
1.53
µA
VDET=3.2-4.2V
-
0.56
1.68
VDET=4.3-5.2V
-
0.60
1.80
VDET=5.3-6.0V
-
0.66
1.98
Circuit Current when OFF
ICC2
VDD=VDET+2.0V
*1
VDET=2.3-3.1V
-
0.75
2.25
µA
VDET=3.2-4.2V
-
0.80
2.40
VDET=4.3-5.2V
-
0.85
2.55
VDET=5.3-6.0V
-
0.90
2.70
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=25 to 105°C, RL=470kΩ
0.95
-
-
V
VOL≤0.4V, Ta=-40 to 25°C, RL=470kΩ
1.20
-
-
VDET(T) : Standard Detection Voltage(2.3V to 6.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
CL: Capacitor to be connected between VOUT and GND.
Design Guarantee. (Outgoing inspection is not done on all products.)
*1
Guaranteed at Ta=25°C.
*2
tPLH:VDD=(VDET typ.-0.5V) (VDET typ.+0.5V)


Similar Part No. - BD4939

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4939 ROHM-BD4939 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4939 ROHM-BD4939 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4939 ROHM-BD4939 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4939 ROHM-BD4939 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4939 ROHM-BD4939 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4939

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com