Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPC70-681K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # ASPC70-681K-RC
Description  Power Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ASPC70-681K-RC Datasheet(HTML) 1 Page - Allied Components International

  ASPC70-681K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASPC70
Power Shielded Inductors
Allied
Part
Number
L
(
µh)
DCR
±20%
Rated
(AC Amps)
ASPC70-1R0K-RC
1.0
0.011
0.707
0.925
0.224
ASPC70-1R5K-RC
1.5
0.012
0.707
1.16
0.224
ASPC70-2R2K-RC
2.2
0.012
0.707
1.89
0.175
ASPC70-3R3K-RC
3.3
0.013
0.707
2.67
0.130
All specifications subject to change without notice.
0.725 Max
1.15 Nominal
22 AWG/TCW
(18.42)
(7.62)
0.300 Max
(29.21)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• Magnetically Shielded
• Epoxy End Caps for added Lead
Electrical
Test Equipment
Physical
Packaging: Bulk 100 per Bag
Inductance Range: 1.0µh ~ 4700µh
Tolerance: 10% across entire range
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +125ºC
dissipation for approximately 20ºC Temp Rise
Inducatance / Q: HP4342A
Current: CH301 Current Source and DCR Meter
SRF: HP4191A / HP4291A
Marking:
EIA Inductance Code
Tighter tolerances available
Strength and Protection
Current Rating: Based on a .33 watt power
REVISED 12/15/10
ASPC70-1R2K-RC
1.2
0.012
0.707
1.02
0.224
2.2
2.7
3.3
ASPC70-1R8K-RC
1.8
0.012
0.707
1.61
0.175
3.9
4.7
ASPC70-2R7K-RC
2.7
0.013
0.707
2.42
0.130
5.6
6.8
Dimensions:
Inches
(mm)
100K
DCR: CH301 Current Source and DCR Meter
(Ω)
Current
Allied
Part
Number
ASPC70-222K-RC
ASPC70-332K-RC
ASPC70-472K-RC
ASPC70-682K-RC
ASPC70-272K-RC
ASPC70-392K-RC
ASPC70-562K-RC
L
(mh)
DCR
±20%
(Ω)
Rated
(AC Amps)
Current
ASPC70-4R7K-RC
4.7
0.014
0.707
4.16
0.110
ASPC70-6R8K-RC
6.8
0.018
0.707
4.96
0.080
ASPC70-3R9K-RC
3.9
0.014
0.707
3.19
0.110
8.2
10
ASPC70-5R6K-RC
5.6
0.017
0.707
4.32
0.080
12
15
ASPC70-103K-RC
ASPC70-153K-RC
ASPC70-822K-RC
ASPC70-123K-RC
ASPC70-8R2K-RC
8.2
0.018
0.707
5.28
0.071
18
ASPC70-183K-RC
ASPC70-120K-RC
12
0.022
0.707
9.12
0.056
ASPC70-180K-RC
18
0.030
0.707
14.66
0.043
ASPC70-100K-RC
10
0.020
0.707
8.06
0.071
22
27
ASPC70-150K-RC
15
0.024
0.707
12.18
0.056
33
39
ASPC70-273K-RC
ASPC70-393K-RC
ASPC70-223K-RC
ASPC70-333K-RC
ASPC70-270K-RC
27
0.034
0.707
18.71
0.043
ASPC70-390K-RC
39
0.038
0.707
31.32
0.043
ASPC70-220K-RC
22
0.032
0.707
17.18
0.043
47
56
ASPC70-330K-RC
33
0.036
0.707
27.36
0.043
68
82
ASPC70-563K-RC
ASPC70-823K-RC
ASPC70-473K-RC
ASPC70-683K-RC
ASPC70-470K-RC
47
0.040
0.707
42.84
0.034
ASPC70-680K-RC
68
0.047
0.707
61.58
0.027
ASPC70-101K-RC
100
0.064
0.707
90
0.027
ASPC70-560K-RC
56
0.046
0.707
47.16
0.034
100
120
150
ASPC70-820K-RC
82
0.050
0.707
69.12
0.034
180
220
ASPC70-104K-RC
ASPC70-154K-RC
ASPC70-224K-RC
ASPC70-124K-RC
ASPC70-184K-RC
ASPC70-121K-RC
120
0.068
0.707
ASPC70-181K-RC
180
0.078
0.707
ASPC70-271K-RC
270
0.098
0.707
ASPC70-151K-RC
150
0.073
0.707
ASPC70-221K-RC
220
0.707
ASPC70-274K-RC
270
100
0.027
ASPC70-394K-RC
390
125
0.022
ASPC70-564K-RC
560
206
0.017
ASPC70-334K-RC
330
117
0.022
ASPC70-474K-RC
470
0.017
0.082
ASPC70-331K-RC
330
0.132
0.556
ASPC70-391K-RC
390
0.142
0.556
ASPC70-561K-RC
560
0.222
0.437
ASPC70-821K-RC
820
0.247
0.437
ASPC70-471K-RC
470
0.170
0.556
ASPC70-681K-RC
680
0.437
0.235
ASPC70-122K-RC
1200
0.470
0.280
ASPC70-182K-RC
1800
0.700
0.277
ASPC70-102K-RC
1000
0.440
0.350
ASPC70-152K-RC
1500
0.277
0.640
183
282
0.014
680
ASPC70-684K-RC
ASPC70-824K-RC
820
356
0.011
ASPC70-125K-RC
1200
568
0.0086
ASPC70-185K-RC
1800
950
0.0069
ASPC70-105K-RC
1000
410
0.011
ASPC70-155K-RC
1500
0.0086
634
ASPC70-225K-RC
2200
964
0.0069
ASPC70-335K-RC
3300
1400
0.0054
ASPC70-475K-RC
4700
1700
0.0054
ASPC70-275K-RC
2700
987
0.0054
ASPC70-395K-RC
3900
0.0054
1682


Similar Part No. - ASPC70-681K-RC

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
ASPC70-681K-RC BRIGHT-ASPC70-681K-RC Datasheet
695Kb / 1P
   Power Shielded Inductors
More results

Similar Description - ASPC70-681K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com