Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY1101F Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # PY1101F
Description  Single Color Right Angle Type (3.0 X 2.0 mm)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PY1101F Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button PY1101F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. PY1101F Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Data(PY)
Page 10
2004.10.26
Single Color Right Angle Type (3.0 X 2.0 mm)
1101F Series
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)


Similar Part No. - PY1101F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1101F STANLEY-PY1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101F STANLEY-PY1101F Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
More results

Similar Description - PY1101F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
Kingbright Corporation
APBDA3020QBDCGKC-GX KINGBRIGHT-APBDA3020QBDCGKC-GX Datasheet
304Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
APDA3020SECK-J3-PF TO-GRACE-APDA3020SECK-J3-PF Datasheet
854Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
logo
Kingbright Corporation
APDA3020LSECK-J3-PF KINGBRIGHT-APDA3020LSECK-J3-PF Datasheet
307Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
APDA3020SYCK-J3-PF KINGBRIGHT-APDA3020SYCK-J3-PF Datasheet
307Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APBDA3020SURKCGKC-GX TO-GRACE-APBDA3020SURKCGKC-GX Datasheet
938Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
APBDA3020QBDCGKC-GX TO-GRACE-APBDA3020QBDCGKC-GX Datasheet
911Kb / 4P
   3.0 x 2.0 mm Right Angle SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com