Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3941FP Datasheet(PDF) 5 Page - Rohm

Part # BD3941FP
Description  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3941FP Datasheet(HTML) 5 Page - Rohm

  BD3941FP Datasheet HTML 1Page - Rohm BD3941FP Datasheet HTML 2Page - Rohm BD3941FP Datasheet HTML 3Page - Rohm BD3941FP Datasheet HTML 4Page - Rohm BD3941FP Datasheet HTML 5Page - Rohm BD3941FP Datasheet HTML 6Page - Rohm BD3941FP Datasheet HTML 7Page - Rohm BD3941FP Datasheet HTML 8Page - Rohm BD3941FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/8
Thermal design
TO252-3
HRP5
TO220FP-3
Fig.19
Fig.20
Fig.21
Refer to the dissipation reduction illustrated in Figs. 19 to 21 when using the IC in an environment where Ta ≥ 25°C. The characteristics of the IC
are greatly influenced by the operating temperature. If the temperature exceeds the maximum junction temperature Tjmax, the elements of the IC
may be damaged. It is necessary to give sufficient consideration to the heat of the IC in view of two points, i.e., the protection of the IC from
instantaneous damage and the maintenance of the reliability of the IC in long-time operation.
In order to protect the IC from thermal destruction, the operating temperature of the IC must not exceed the maximum junction temperature Tjmax.
Fig. 19 illustrates the power dissipation/power reduction for the TO252 package. Operate the IC within the power dissipation Pd. The following
method is used to calculate the power consumption Pc (W).
Pc = (Vcc − Vo)
× Io + Vcc × Icc
Vcc:
Input voltage
Power dissipation Pd ≤ Pc
Vo:
Output voltage
Io:
Load current
Icc:
Total supply current
The load current Io is obtained to operate the IC within the power dissipation.
(Refer to Icc in Fig.12)
The maximum load current Iomax for the applied voltage Vcc can be calculated during the thermal design process.
Calculation example
Example) Vcc = 12 V and Vo = 5.0 V at Ta = 85°C, BD3941FP
Io ≤ 89 mA
(Icc = 30
µA)
Make a thermal calculation in consideration of the above equations so that the whole operating temperature range will be within the power
dissipation. The power consumption Pc of the IC, in the event of shorting (i.e., if the Vo and GND pins are shorted), will be obtained from the
following equation:
Pc = Vcc
× (Icc + Ishort)
Ishort: Short current
External settings for pins and precautions
1) Vcc pin
Insert capacitors with a capacitance of 0.33
µF to 1,000 µF between the Vcc and GND pins.
The capacitance varies with the application. Be sure to design the capacitance with a sufficient margin.
2) Capacitors for stopping oscillation at output pins
Capacitors for stopping oscillation must be placed between each output pin and the GND pin. Use a capacitor within a capacitance range
between 1
µF and 1,000 µF. A ceramic capacitor with low ESR values, from 0.001 Ω to 100, can be used. Unstable input voltage and load
fluctuations can affect output voltages. Output capacitor capacitance values should be determined for actual application.
Io ≤
Pd − Vcc
× Icc
Vcc − Vo
Io ≤
0.624 −12
× Icc
12 − 5
θja = 104.2°C/W → −9.6 mAW/°C
25°C = 1.2 W
→ 85°C = 0.624 W
1.2W
1.6W
AMBIENT TEMPERATURE: Ta [℃]
AMBIENT TEMPERATURE: Ta [℃]
(1)20W
(2)2.0W
AMBIENT TEMPERATURE: Ta [℃]
0.4
0
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
0.4
0
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
0
10
15
20
25
5
0
25
50
75
100
125
150
IC mounted on a ROHM standard board
Board size: 70 mm ×70 mm × 1.6mm
θja = 104.2 (°C /W)
IC mounted on a ROHM standard board
Board size: 70 mm ×70 mm × 1.6mm
θja = 78.1 (°C /W)
(1)無限大放熱板使用時 θja=6.25( /W)
(2)IC 単体時 θja=62.5(℃/W)


Similar Part No. - BD3941FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941FP ROHM-BD3941FP Datasheet
336Kb / 6P
   Reference Voltage Regulator
BD3941FP ROHM-BD3941FP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

Similar Description - BD3941FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com