Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR1015-1221 Datasheet(PDF) 2 Page - Allied Components International

Part # AR1015-1221
Description  Single Port RJ45 CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR1015-1221 Datasheet(HTML) 2 Page - Allied Components International

  AR1015-1221 Datasheet HTML 1Page - Allied Components International AR1015-1221 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 01/06/11
Unless otherwise specified all tolerances are:
±0.05 in mm
PCB LAYOUT
SCHEMATICS
AR1015-1221_
AR1015-1221_
Notes:
1. R1-R4=75OHMS,1/16W,5%Resistors.
2. C1=1000pF,2KV Decouping Capacitor.
3. LED Compliant With IEC60825-1 Saftety of Laser Products When operated Up to 20mA.
4. LED Forward Voltage: 2.1V(TYP), LED Power Dissipation: 105mW, LED Peak Wavelength: Green=565nm, Yellow=5
WITH INTEGRATED MAGNETICS,TAB DOWN
Single Port RJ45 CONNECTOR
8
8.18
11
9
10
12
1
11.43
15.49
15.90
2.54
1.27
2.54
7
2
P11
P12
GREEN
P9
P10
YELLOW
MATERIALS
AR1015-1221_
Housing: PBT, Flammability Rating 94V-O.
Shell: C2680 Brass, 0.20mm thick, 50u" Min nickel plating.
Mod Jack Contacts: Phosphor Bronze, 0.35mm thick, 6u" Gold plated.
LED: Diffused Epoxy Lens, 0.5x0.5mm Carbon Steel wireframe leads.


Similar Part No. - AR1015-1221

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
AR1015-1221I ALLIED-AR1015-1221I Datasheet
1Mb / 2P
   Single Port RJ45 Connector
AR1015-1221S ALLIED-AR1015-1221S Datasheet
457Kb / 2P
   Single Port RJ45 Connector
More results

Similar Description - AR1015-1221

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3664 ALLIED-AR11-3664 Datasheet
426Kb / 2P
   Single Port RJ45 Connector
AR11-3686I ALLIED-AR11-3686I Datasheet
412Kb / 2P
   Single Port RJ45 Connector
AR11-3691I ALLIED-AR11-3691I Datasheet
357Kb / 2P
   Single Port RJ45 Connector
AR11-3717 ALLIED-AR11-3717 Datasheet
443Kb / 2P
   Single Port RJ45 Connector
AR11-3725 ALLIED-AR11-3725 Datasheet
550Kb / 2P
   Single Port RJ45 Connector
AR11-3743 ALLIED-AR11-3743 Datasheet
388Kb / 2P
   Single Port RJ45 Connector
AR11-3757I ALLIED-AR11-3757I Datasheet
424Kb / 2P
   Single Port RJ45 Connector
AR11-3716I ALLIED-AR11-3716I Datasheet
548Kb / 2P
   Single Port RJ45 Connector
AR11-3705I ALLIED-AR11-3705I Datasheet
722Kb / 3P
   Single Port RJ45 Connector
AR11-3723 ALLIED-AR11-3723 Datasheet
461Kb / 2P
   Single Port RJ45 Connector
AR11-3786I ALLIED-AR11-3786I Datasheet
467Kb / 2P
   Single Port RJ45 Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com