Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR11-3861 Datasheet(PDF) 2 Page - Allied Components International

Part # AR11-3861
Description  SINGLE PORT RJ45 10/100 BASE-T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR11-3861 Datasheet(HTML) 2 Page - Allied Components International

  AR11-3861 Datasheet HTML 1Page - Allied Components International AR11-3861 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
06/21/13
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 20" min
2. Housing-
Standard Material Nylon66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. RJ Terminal-
Plastic: Nylon66 G.F, UL94V-0, Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u”~60u”, for all and Sn100u-120u, and Gold Plating 6”.
4. Input Terminal Plastic: Nylon66, G.F, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze C2680.
Plating: Nickel 40u"-60u" for all and Sn 100u”-120u”
+9, -10
-9, +10
+11, -12
-11, +12
A
Green
-
Yellow
-
B
Yellow
-
Green
-
C
Green
-
Green
-
D
Green
-
-
Yellow
E
-
Yellow
-
Green
F
Yellow
-
Orange
Green
G
Orange
Green
Yellow
-
H
Orange
-
-
Yellow
I
Green
-
-
Yellow
W
Green
-
-
Yellow
Left LED
Right LED
LED Code
LED Schematic Code:
B
(See chart below)
PCB LAYOUT
SCHEMATICS
SINGLE PORT RJ45 10/100 BASE-T
AR11-3664
NOTES


Similar Part No. - AR11-3861

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3806I ALLIED-AR11-3806I Datasheet
545Kb / 2P
   Single Port RJ45 Connector
AR11-3806IR ALLIED-AR11-3806IR Datasheet
546Kb / 2P
   10/100 Base-T Ethernet Application
AR11-3827I ALLIED-AR11-3827I Datasheet
586Kb / 2P
   Single Port RJ45 Connector
AR11-3836 ALLIED-AR11-3836 Datasheet
506Kb / 2P
   Single Port RJ45 Connector
AR11-3837 ALLIED-AR11-3837 Datasheet
391Kb / 2P
   Single Port RJ45 Connector
More results

Similar Description - AR11-3861

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3876 ALLIED-AR11-3876 Datasheet
410Kb / 2P
   SINGLE PORT RJ45 10/100 BASE-T
AR11-3780I ALLIED-AR11-3780I Datasheet
409Kb / 2P
   SINGLE PORT RJ45 10/100 BASE-T
logo
MPS Industries, Inc.
N31100S MPSIND-N31100S Datasheet
156Kb / 1P
   10/100 BASE-T SINGLE PORT
logo
API Technologies Corp
6683-6686 APITECH-6683-6686 Datasheet
387Kb / 1P
   10/100 Base-T Single Port
logo
MPS Industries, Inc.
N31XXXS MPSIND-N31XXXS Datasheet
156Kb / 1P
   10/100 BASE-T SINGLE PORT
logo
List of Unclassifed Man...
HS2211 ETC1-HS2211 Datasheet
259Kb / 1P
   10/100 BASE-T SINGLE PORT
logo
Allied Components Inter...
AHTA-1618S ALLIED-AHTA-1618S Datasheet
289Kb / 1P
   10/100 Base T Single Port Transformer
AH1601CS ALLIED-AH1601CS Datasheet
315Kb / 1P
   10/100 Base T Single Port Transformer
AHSC-1605S ALLIED-AHSC-1605S Datasheet
293Kb / 1P
   10/100 Base T Single Port Transformer
AHTA-1603S ALLIED-AHTA-1603S Datasheet
284Kb / 1P
   10/100 Base T Single Port Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com