Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE661M04 Datasheet(PDF) 3 Page - NEC

Part # NE661M04
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE661M04 Datasheet(HTML) 3 Page - NEC

  NE661M04 Datasheet HTML 1Page - NEC NE661M04 Datasheet HTML 2Page - NEC NE661M04 Datasheet HTML 3Page - NEC NE661M04 Datasheet HTML 4Page - NEC NE661M04 Datasheet HTML 5Page - NEC NE661M04 Datasheet HTML 6Page - NEC NE661M04 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet P14909EJ1V0DS00
3
NE661M04
TYPICAL CHARACTERISTICS (TA = +25°C)
Thermal/DC Characteristics
Collector Current vs. Collector to Emitter Voltage
DC Current Gain vs. Collector Current
0.001
200
100
10
25
20
15
10
5
01
2
3
4
5
1
0.01
0.1
1
10
100
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
Total Power Dissipation vs.
Ambient Temperature, Case Temperature
Collector Current vs. DC Base Voltage
50
40
30
20
10
250
200
150
100
50
0
Ambient Temperature TA (
°C), Case Temperature TC (°C)
DC Base Voltage VBE (V)
PT-TA: Free air
PT-TA: Mounted on ceramic board
(15 mm
× 15 mm, t = 0.6 mm)
PT-TC: When case temperature
is specified
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
300 A
280 A
260 A
240 A
220 A
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
IB = 20 A
VCE = 2 V
VCE = 2 V
Capacitance/fT Characteristics
1
0.30
0.25
0.20
0.15
0.10
0.05
0
1.0
2.0
3.0
4.0
5.0
30
25
20
15
10
5
0
10
100
Gain Bandwidth Product vs. Collector Current
Reverse Transfer Capacitance vs. Collector to Base Voltage
Collector to Base Voltage VCB (V)
Collector Current IC (mA)
f = 1 MHz
VCE = 3 V
f = 2 GHz


Similar Part No. - NE661M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE661M04 CEL-NE661M04 Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
227Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE661M04

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5507 NEC-2SC5507 Datasheet
91Kb / 12P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5508 NEC-2SC5508 Datasheet
106Kb / 16P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
NEC
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com