Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE6510179 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE6510179
Description  NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6510179 Datasheet(HTML) 3 Page - California Eastern Labs

  NE6510179 Datasheet HTML 1Page - California Eastern Labs NE6510179 Datasheet HTML 2Page - California Eastern Labs NE6510179 Datasheet HTML 3Page - California Eastern Labs NE6510179 Datasheet HTML 4Page - California Eastern Labs NE6510179 Datasheet HTML 5Page - California Eastern Labs NE6510179 Datasheet HTML 6Page - California Eastern Labs NE6510179 Datasheet HTML 7Page - California Eastern Labs NE6510179 Datasheet HTML 8Page - California Eastern Labs NE6510179 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
TRANSCONDUCTANCE AND DRAIN
CURRENT vs. GATE VOLTAGE
Gate Voltage, GV (V)
DRAIN CURRENT vs.
DRAIN VOLTAGE
Drain Voltage, VD (V)
2.00
1.50
1.00
0.50
2.50
0
0.8
0.6
0.4
0.2
1.00
0
-.80
-1.0
-.60
-.20
0.00
-.40
NE6510179A
MAXIMUM AVAILABLE GAIN vs.
FREQUENCY
Frequency, GHz
ARRHENIUS PLOTS vs.
JUNCTION TEMPERATURE
Junction Temperature, T/TCH (1/K/1000)
30
25
20
15
10
5
0.1
4.0
4.6 V, 300 mA
3.5 V, 150 mA
2.2 V, 200 mA
1.0E+06
1.0E+05
1.0E+04
1.0E+03
1.0E+07
1.8
1.6
2
2.4
2.2
2.6
3
2.8
1.35E+06 Hrs
(TCH = 110
°C)
EA = 1.0EV
1805 Hrs
(TCH = 217
°C)
3
2.5
2.0
1.5
1.0
0.5
0
01
2
3
4
5
6
VGS =
0 V
-0.2 V
-0.4 V
-0.6 V
-0.8 V
-1.0 V


Similar Part No. - NE6510179

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6510179A RENESAS-NE6510179A Datasheet
207Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
NE6510179A-T1 RENESAS-NE6510179A-T1 Datasheet
207Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
More results

Similar Description - NE6510179

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
logo
NEC
NE651R479A NEC-NE651R479A Datasheet
69Kb / 8P
   0.4 W L-BAND POWER GaAs HJ-FET
NE6510379A NEC-NE6510379A Datasheet
97Kb / 8P
   3 W L-BAND POWER GaAs HJ-FET
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE651R479A CEL-NE651R479A Datasheet
501Kb / 11P
   MEDIUM POWER GaAs HJ-FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com