Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC30-470K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # APC30-470K-RC
Description  Axial Power Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

APC30-470K-RC Datasheet(HTML) 1 Page - Allied Components International

  APC30-470K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.47
(11.94)
Features
• Axial pre-tinned leads.
• Protected with UL shrink tubing.
• Non standard values and tolerances
available.
• High saturation core material used for
high inductance and low DCR.
Dimensions:
20 AWG
All specifications subject to change without notice.
Axial Power Chokes
APC30
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Inches
(mm)
0.92
(23.37)
APC30-3R9K-RC
3.9
10
.007
15.5
4.00
APC30-4R7K-RC
4.7
10
.008
13.9
4.00
APC30-5R6K-RC
5.6
10
.011
12.6
4.00
APC30-6R8K-RC
6.8
10
.011
11.6
4.00
APC30-8R2K-RC
8.2
10
.013
9.89
4.00
APC30-100K-RC
10
10
.017
8.70
4.00
APC30-120K-RC
12
10
.019
8.21
4.00
APC30-150K-RC
15
10
.022
7.34
4.00
APC30-180K-RC
18
10
.023
6.64
4.00
APC30-220K-RC
22
10
.026
6.07
4.00
APC30-270K-RC
27
10
.027
5.36
4.00
APC30-330K-RC
33
10
.032
4.82
4.00
APC30-390K-RC
39
10
.033
4.36
4.00
APC30-470K-RC
47
10
.035
3.98
4.00
APC30-560K-RC
56
10
.037
3.66
3.20
APC30-680K-RC
68
10
.047
3.31
2.50
APC30-820K-RC
82
10
.060
3.10
2.00
APC30-101K-RC
100
10
.090
2.79
1.60
APC30-121K-RC
120
10
.113
2.54
1.60
APC30-151K-RC
150
10
.129
2.22
1.60
APC30-181K-RC
180
10
.150
1.98
1.60
APC30-221K-RC
220
10
.162
1.89
1.60
APC30-271K-RC
270
10
.202
1.63
1.60
APC30-331K-RC
330
10
.212
1.51
1.60
APC30-391K-RC
390
10
.281
1.39
1.60
APC30-471K-RC
470
10
.380
1.24
1.20
APC30-561K-RC
560
10
.420
1.17
1.00
APC30-681K-RC
680
10
.548
1.05
1.00
APC30-821K-RC
820
10
.665
0.97
0.80
APC30-102K-RC
1000
10
.884
0.87
0.80
APC30-122K-RC
1200
10
1.04
0.79
0.60
APC30-152K-RC
1500
10
1.18
0.70
0.60
APC30-182K-RC
1800
10
1.56
0.64
0.60
APC30-222K-RC
2200
10
2.00
0.58
0.50
APC30-272K-RC
2700
10
2.06
0.53
0.40
APC30-332K-RC
3300
10
2.63
0.47
0.40
APC30-392K-RC
3900
10
2.75
0.43
0.40
APC30-472K-RC
4700
10
3.19
0.39
0.40
APC30-562K-RC
5600
10
3.92
.359
.315
APC30-682K-RC
6800
10
5.69
.322
.250
APC30-822K-RC
8200
10
6.32
.293
.250
APC30-103K-RC
10000
10
7.30
.266
.250
APC30-123K-RC
12000
10
9.99
.257
.160
APC30-153K-RC
15000
10
11.2
.230
.160
APC30-183K-RC
18000
10
15.2
.210
.130
Allied
Part
Number
Rated
Current
(A)
Inductance
(µh)
Tolerance
(%)
Saturation
Current
(A)
DCR
Max.
(Ω)
APC30-223K-RC
22000
10
16.8
.190
.130
APC30-273K-RC
27000
10
18.6
.171
.130
APC30-333K-RC
33000
10
26.7
.155
.100
APC30-393K-RC
39000
10
29.0
.143
.100
APC30-473K-RC
47000
10
31.8
.131
.100
APC30-563K-RC
56000
10
42.6
.119
.083
APC30-683K-RC
68000
10
46.9
.108
.083
APC30-823K-RC
82000
10
64.9
.098
.067
APC30-104K-RC
100000
10
71.7
.089
.067
Electrical
Inductance: Measured at 1KHz with no
DC current.
Tolerance: 10% over entire inductance
range. Available in tighter tolerances.
Physical
Packaging: 200 pieces per tape and
Test Procedures: L measured on CH-100
@ 1KHz DCR measured on CH-301.
Current Rating: Based on Inductance drop
of < 10% of Initial value.
1.15
(29) NOMINAL
1.15
(29) NOMINAL
Operating Temp: -55ºC to + 125ºC
reel. 50 pieces per bag
Marking: EIA Inductance Code.
REVISED 09/23/10
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - APC30-470K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC30-470K-RC ALLIED-APC30-470K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC30-470K-RC ALLIED-APC30-470K-RC Datasheet
744Kb / 1P
   Axial Power Chokes
More results

Similar Description - APC30-470K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC24 ALLIED-AMPC24 Datasheet
605Kb / 2P
   Axial Molded Power Chokes
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com