Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM40 Datasheet(PDF) 1 Page - Allied Components International

Part # AM40
Description  Axial Molded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AM40 Datasheet(HTML) 1 Page - Allied Components International

  AM40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM40
Axial Molded Inductors
AM40-301K-RC
300
10
65
0.79
5.3
8.7
122
AM40-331K-RC
330
10
65
0.79
5.0
9.1
120
AM40-361K-RC
360
10
65
0.79
4.7
9.6
115
AM40-391K-RC
390
10
65
0.79
4.5
10.0
114
AM40-431K-RC
430
10
65
0.79
4.3
10.6
111
AM40-471K-RC
470
10
65
0.79
4.0
11.0
108
AM40-501K-RC
500
10
65
0.79
3.7
11.3
106
AM40-551K-RC
510
10
65
0.79
3.8
11.6
105
AM40-561K-RC
560
10
65
0.79
3.6
12.3
104
AM40-621K-RC
620
10
60
0.79
3.5
13.0
101
AM40-681K-RC
680
10
60
0.79
3.4
13.7
97
AM40-751K-RC
750
10
60
0.79
3.3
14.4
95
AM40-821K-RC
820
10
60
0.79
3.1
15.1
92
AM40-911K-RC
910
10
60
0.79
2.9
15.8
91
AM40-102K-RC
1000
10
60
0.79
2.8
16.5
88
Rated
Current
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω )
Electrical
Inductance Range: 270
µH to 1000 µH.
Tolerance: 10% over entire range
Also available in tighter tolerances.
Test Frequency for (L): .79Mhz
Current Rating: Based on a 10% drop in (L)
from initial value.
Operating Temp.: -55
°C to + 105°C.
Physical
Packaging: 2500pcs per 13” Tape and Reel
500 per bag
Marking: EIA Inductance Code
All specifications subject to change without notice.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
NOMINAL
22AWG
0.44±0.01
(11.18±0.25)
0.19±0.01
(4.83±0.25)
Dimensions:
Inches
(mm)
1.15
(29)
NOMINAL
1.15
(29)
Part Temperature should not exceed 125ºC
measurements @ 20ºC.
AM40-271K-RC
270
10
65
0.79
5.6
8.2
126
02/23/12
RoHS
Test Equipment
(L) & (Q): HP4342A & HP4285A
DCR: CH301 Current Source and DCR Meter
Features
• Available on Tape and Reel or
• Axial Leaded Molded Inductors
Ammo Pack for Auto placement


Similar Part No. - AM40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
M/A-COM Technology Solu...
AM40-0023 MA-COM-AM40-0023 Datasheet
74Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Tyco Electronics
AM40-0023PIN MACOM-AM40-0023PIN Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
M/A-COM Technology Solu...
AM40-0023PIN MA-COM-AM40-0023PIN Datasheet
74Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Similar Description - AM40

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM3F CT-CTM3F Datasheet
166Kb / 1P
   Molded Inductors - Axial
CTM1F CT-CTM1F Datasheet
197Kb / 1P
   Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM2F CT-CTM2F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
   Molded Inductors - Axial
REV 01.25.18
logo
Allied Components Inter...
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC_10 Datasheet
896Kb / 1P
   Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
   Axial Molded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com