Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ0EB1C474 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECJ0EB1C474
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EB1C474 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECJ0EB1C474 Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 9Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 10Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 11Page - Panasonic Semiconductor ECJ0EB1C474 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– EC17 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Standard Products for EIA “0603”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R)
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
1000
±10 %(K)
or
±20 %(M)
ECJ1VB1H102
0.8
1200
ECJ1VB1H122K 0.8
1500
ECJ1VB1H152
0.8
1800
ECJ1VB1H182K 0.8
2200
ECJ1VB1H222
0.8
2700
ECJ1VB1H272K 0.8
3300
ECJ1VB1H332
0.8
3900
ECJ1VB1H392K 0.8
4700
ECJ1VB1H472
0.8
5600
ECJ1VB1H562K 0.8
6800
ECJ1VB1H682
0.8
8200
ECJ1VB1H822K 0.8
10000
ECJ1VB1H103
0.8
— ECJ1VB1E103
0.8
— ECJ1VB1C103
0.8
12000
ECJ1VB1H123K 0.8
— ECJ1VB1E123K 0.8
— ECJ1VB1C123K 0.8
15000
ECJ1VB1H153
0.8
— ECJ1VB1E153
0.8
— ECJ1VB1C153
0.8
18000
ECJ1VB1H183K 0.8
— ECJ1VB1E183K 0.8
— ECJ1VB1C183K 0.8
22000
ECJ1VB1H223
0.8
— ECJ1VB1E223
0.8
— ECJ1VB1C223
0.8
27000
ECJ1VB1H273K 0.8
— ECJ1VB1E273K 0.8
— ECJ1VB1C273K 0.8
33000
ECJ1VB1H333
0.8
— ECJ1VB1E333
0.8
— ECJ1VB1C333
0.8
39000
ECJ1VB1H393K 0.8
— ECJ1VB1E393K 0.8
— ECJ1VB1C393K 0.8
47000
ECJ1VB1H473
0.8
— ECJ1VB1E473
0.8
— ECJ1VB1C473
0.8
56000
ECJ1VB1H563K 0.8
— ECJ1VB1E563K 0.8
— ECJ1VB1C563K 0.8
68000
ECJ1VB1H683
0.8
— ECJ1VB1E683
0.8
— ECJ1VB1C683
0.8
82000
ECJ1VB1H823K 0.8
— ECJ1VB1E823K 0.8
— ECJ1VB1C823K 0.8
100000
ECJ1VB1H104
0.8
— ECJ1VB1E104
0.8
— ECJ1VB1C104
0.8
150000
ECJ1VB1E154
0.8 ——
ECJ1VB1C154
0.8 ——
ECJ1VB1A154
0.8
220000
ECJ1VB1E224
0.8 ——
ECJ1VB1C224
0.8 ——
ECJ1VB1A224
0.8
330000
ECJ1VB1E334
0.8 ——
ECJ1VB1C334
0.8 ——
ECJ1VB1A334
0.8 ——
470000
ECJ1VB1E474
0.8 ——
ECJ1VB1C474
0.8 ——
ECJ1VB1A474
0.8 ——
ECJ1VB0J474
0.8
680000
ECJ1VB1E684
0.8 ——
ECJ1VB1C684
0.8 ——
ECJ1VB1A684
0.8 ——
ECJ1VB0J684
0.8
Rated voltage
DC 50 V
DC 25 V
DC 16 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
F
Y5V
F
Y5V
F
Y5V
10000
+80,
–20 % (Z)
ECJ1VF1H103Z 0.8
22000
ECJ1VF1H223Z 0.8
47000
ECJ1VF1H473Z 0.8
100000
ECJ1VF1H104Z 0.8
ECJ1VF1E104Z 0.8
ECJ1VF1C104Z 0.8
220000
ECJ1VF1C224Z 0.8
470000
ECJ1VF1C474Z 0.8
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
◆ Temperature Characteristics Code : F (Temperature Characteristics : F, Y5V)
Sep. 2008
00


Similar Part No. - ECJ0EB1C474

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ0EB1C474 PANASONIC-ECJ0EB1C474 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EB1C474 PANASONIC-ECJ0EB1C474 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EB1C474 PANASONIC-ECJ0EB1C474 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EB1C474 PANASONIC-ECJ0EB1C474 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EB1C474 PANASONIC-ECJ0EB1C474 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results

Similar Description - ECJ0EB1C474

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1C103K PANASONIC-ECJ-1VB1C103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1E103K PANASONIC-ECJ-0EB1E103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1E104K PANASONIC-ECJ-2VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1A474K PANASONIC-ECJ-1VB1A474K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1H822K PANASONIC-ECJ-1VB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VF1E104Z PANASONIC-ECJ-1VF1E104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1H333K PANASONIC-ECJ-2VB1H333K Datasheet
877Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VC1H471J PANASONIC-ECJ-2VC1H471J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EC1H100D PANASONIC-ECJ-0EC1H100D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1C683K PANASONIC-ECJ-0EB1C683K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com