Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC353 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC353
Description  Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC353 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC353 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC353 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC353
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
125 —
155
ns
Data to Y
time
t
PHL
4.5
13
25
31
6.0
21
26
2.0
160 —
200
ns
A or B to Y
4.5
14
32
40
6.0
27
34
Output enable
t
ZL
2.0
100 —
125
ns
time
t
ZH
4.5
8
20
25
6.0
17
21
Output disable
t
LZ
2.0
150 —
190
ns
time
t
HZ
4.5
11
30
38
6.0
26
33
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353P RENESAS-HD74HC353P Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353RPEL RENESAS-HD74HC353RPEL Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
More results

Similar Description - HD74HC353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC253 RENESAS-HD74HC253 Datasheet
86Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
   Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
   Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
   Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com