Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE90-222K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AE90-222K-RC
Description  Axial Epoxy Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AE90-222K-RC Datasheet(HTML) 1 Page - Allied Components International

  AE90-222K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AE90 Series
Axial Epoxy Inductors
Allied
Part
Number
I
Sat
mA
Inductance
(
µh)
Q
Q
Test Freq
DCR
Current
Rating
mA
AE90-100K-RC
10
55
2520
0.09
2900
4600
All specifications subject to change without notice.
0.984 MIN
0.984 MIN
22AWG
0.630
(16.0)
MAX.
0.236
(6.0)
MAX.
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• High Current Capacity
Electrical
Test Equipment
Physical
Packaging: 1000 pieces per 13” Tape and Reel
Inductance Range: 10µh to 100,000µh
Tolerance: K=10%, J=5%
Test Frequency for (L):
Operating Temp: -55ºC ~ +125ºC
(L) & (Q):
HP 4284A LCR meter or equivalent
DCR:
HP4263B Current Source and DCR Meter
SRF:
HP4191A
Marking:
4 Band EIA Color Code
Available in tighter tolerances
• Expanded operating temp range
• Low DC Resistance
Part temperature should not exceed
Current Rating:
Based on a 40% temp rise
• Available on tape and Reel or Ammo
Pack for Auto placement.
125ºC
IDC: 11021 Current Source and DCR Meter
02/03/12
SRF
(MHz)
Μιν.
38
(25.0)
(25.0)
10uh @ 1Mhz
12uh to 4700uh @ 100Khz
5600uh to 100,000uh @ 10Khz
Measurements @ 20ºC
Khz
(Ohms)
Max
Min
AE90-120K-RC
12
55
2520
0.13
2250
3800
36
AE90-220K-RC
22
50
2520
0.15
2030
3100
15
AE90-330K-RC
33
35
2520
0.16
1980
2550
5.2
AE90-470K-RC
47
30
2520
0.18
1800
2100
4.8
AE90-680K-RC
68
20
2520
0.25
1620
1790
3.8
AE90-101K-RC
100
40
796
0.62
1060
1490
2.5
AE90-151K-RC
150
35
796
0.80
960
1210
2.0
AE90-221K-RC
220
35
796
1.2
690
900
1.60
AE90-331K-RC
330
25
796
1.4
630
735
1.40
AE90-391K-RC
390
25
796
1.6
590
675
1.30
AE90-471K-RC
470
20
796
1.8
550
630
1.20
AE90-561K-RC
560
15
796
2.3
525
610
1.06
AE90-681K-RC
680
15
796
2.6
500
590
0.92
AE90-821K-RC
820
70
252
4.2
448
550
0.72
AE90-102K-RC
1000
70
252
4.2
400
490
0.72
AE90-122K-RC
1200
70
252
5.5
350
448
0.68
AE90-152K-RC
1500
70
252
6.0
320
400
0.65
AE90-182K-RC
1800
70
252
6.0
300
410
0.65
AE90-222K-RC
2200
65
252
10
250
340
0.50
AE90-272K-RC
2700
50
252
12
243
298
0.42
AE90-332K-RC
3200
50
252
12
220
270
0.42
AE90-392K-RC
3900
30
252
18
200
245
0.29
AE90-472K-RC
4700
30
252
18
200
220
0.31
AE90-562K-RC
5600
30
252
23
160
200
0.30
AE90-682K-RC
6800
25
252
26
150
180
0.29
AE90-822K-RC
8200
60
79.6
35
135
165
0.22
AE90-103K-RC
10000
60
79.6
40
120
150
0.20
AE90-123K-RC
12000
55
79.6
63
112
134
0.17
AE90-153K-RC
15000
55
79.6
63
100
120
0.17
AE90-183K-RC
18000
50
79.6
90
86
110
0.16
AE90-223K-RC
22000
50
79.6
100
82
100
0.15
AE90-273K-RC
27000
50
79.6
130
75
95
0.14
AE90-333K-RC
33000
50
79.6
130
67
85
0.14
AE90-473K-RC
47000
30
25.2
220
53
73
0.09
AE90-683K-RC
68000
25
25.2
270
49
59
0.08
AE90-104K-RC
100000
20
25.2
490
34
45
0.06
at 85ºC ambient.


Similar Part No. - AE90-222K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AE90-101K-RC ALLIED-AE90-101K-RC Datasheet
816Kb / 1P
   Axial Epoxy Inductors
More results

Similar Description - AE90-222K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AE80 ALLIED-AE80 Datasheet
816Kb / 1P
   Axial Epoxy Inductors
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 16-Mar-17
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision: 10-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com