Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP13-3873 Datasheet(PDF) 1 Page - Allied Components International

Part # AEP13-3873
Description  Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP13-3873 Datasheet(HTML) 1 Page - Allied Components International

  AEP13-3873 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP13 Flyback Transformer
AEP13-3873
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Revised 03/12/14
EP13 Package in SMD
Operating temperature range: -40ºC to +130ºC
MECHANICAL
SCHEMATICS
All specifications subject to change without notice.
Turns Ratio
(5 - 3) : (2 - 1)
Inductance
Lp @10KHz,0.1V
(5 - 3)
DCR
(5 - 3)
DCR
(6 – 10)
Hi-Pot
@ 1 sec, 1mA
625 Vac
Reflow Condition:
Maximum reflow temperature is 250ºC/-5ºC
time is 20~40 sec. (Refer to IPC/JEDECJ-STD-020 standard).
1.82:1 (3%)
5 to 2
89mΩ Max
28mΩ Max.
Turns Ratio
(5 - 3) : (6 - 10)
2 : 1 (3%)
Leakage Inductance
Ls @100KHz,0.1V,
(5 - 3) (short 6+10)
0.5 uH Max
DCR
(2 - 1)
96mΩ Max
1875 Vac
37uH (±10%)
Hi-Pot
@ 1 sec, 1mA
5, 2 to 6
A
13.46 Max
B
17.75 Max
C
15.40 Ref
D
12.70 Max
E
2.50 ± 0.15
F
0.70 ± 0.1
Unit : mm
Allied
AEP13-3873
YYWW


Similar Part No. - AEP13-3873

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP13-3822 ALLIED-AEP13-3822 Datasheet
299Kb / 1P
   Transformer
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
   Flyback Transformer
More results

Similar Description - AEP13-3873

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
A0009-AL COILCRAFT-A0009-AL Datasheet
149Kb / 1P
   Flyback Transformer
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
   Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
   Flyback Transformer
CJ5143-AL COILCRAFT-CJ5143-AL Datasheet
176Kb / 1P
   Flyback Transformer
HA3905-CL COILCRAFT-HA3905-CL Datasheet
193Kb / 1P
   Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com