Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP5-4076I Datasheet(PDF) 1 Page - Allied Components International

Part # AEP5-4076I
Description  EP5 Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP5-4076I Datasheet(HTML) 1 Page - Allied Components International

  AEP5-4076I Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP5 Power Transformer
AEP5-4076I
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/13/2014
Operating temperature range: -40ºC to +85ºC
MECHANICAL
SCHEMATICS
All specifications subject to change without notice.
DCR
8-6 (tie 5+7)
Interwinding
Capacitance
HI-POT
(1-8),
1874VAC/1sec/0.5mA
Reflow Condition:
Maximum reflow temperature is 250ºC/-5ºC
time is 20~40 sec. (Refer to IPC/JEDECJ-STD-020 standard
(tie 2+3, 5+7)
1.75Ω Max
50pF Max.
THD
@30KHz, 3 Vrms
1-4:8-5 (tie 2+3,6+7)
-77dB typ
Meets the specifications for supplementary insulation
per UL60950-1, CSA60950-1, EN60950-1, IEC60950-1 with
working voltage of 250V.
Turns Ratio
(1-4) / (8-5),
1:1 (±2%)
Inductance
Ls @100KHz,0.1V
(1-4), (tie 2+3)
430uH (±10%)
Leakage Inductance
Ls @100KHz,0.1V
(1-4), (2+3,5+6+7+8)
4.0uH Max
Cs @100 KHz, 0.1V
(1-8), (tie 2+3. 5+7)
DCR
1-4 (tie 2+3)
1.75 Ω Max
Longitudinal Balance
2.2MHz
(1-4:8), (tie 2+3,5+7)
55dB Min
1
3
2
4
8
5
7
6
Line
Chip
8.0 ma
x
AEP5-4076I
YYWW
Broadcom 430uH, 1.0:1.0 ADSL2+AnnexA CO EP5


Similar Part No. - AEP5-4076I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP5-3932I ALLIED-AEP5-3932I Datasheet
359Kb / 1P
   EP5 Power Transformer
More results

Similar Description - AEP5-4076I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP5-3932I ALLIED-AEP5-3932I Datasheet
359Kb / 1P
   EP5 Power Transformer
AEP-108SI ALLIED-AEP-108SI Datasheet
337Kb / 1P
   EP5 ADSL Transformer
logo
EPCOS
B65855 EPCOS-B65855 Datasheet
98Kb / 3P
   EP5 Core
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com