Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE6510179A-T1 Datasheet(PDF) 9 Page - California Eastern Labs

Part # NE6510179A-T1
Description  NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6510179A-T1 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button NE6510179A-T1 Datasheet HTML 2Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 3Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 4Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 5Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 6Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 7Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 8Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 9Page - California Eastern Labs NE6510179A-T1 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NE6510179A
Parameters
Q1
Parameters
Q1
VTO
-0.756
RG
0.05
VTOSC
0
RD
0.001
ALPHA
2
RS
0.001
BETA
2.245
RGMET
0
GAMMA
0
KF
0
GAMMADC(2)
0.01
AF
1
Q
1.7
TNOM
27
DELTA
0
XTI
3
VBI
0.6
EG
1.43
IS
1e-16
VTOTC
0
N
1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
10e-12
CDS
0.5e-12
RDB
0.001
CBS
0
CGSO(3)
20e-12
CGDO(4)
4e-12
DELTA1
0.3
DELTA2
0.2
FC
0.5
VBR
Infinity
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
SCHEMATIC
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
0.5 to 4 GHz
Bias:
VDS = 2.2 V to 5 V, ID = 150 mA to 300 mA
Date:
3/29/2000
LG
RDX
0.2 ohms
RDBX
400 ohms
CBSX
RSX
100 pF
0.05 ohms
LSX
0.001 nH
SOURCE
0.65 nH
0.01 nH
DRAIN
LD
LDX
0.75 nH
LGX
CGS PKG
0.1 pF
CDS PKG
0.1 pF
0.001 nH
GATE
Q1
NONLINEAR MODEL
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
(1) Series IV Libra TOM Model
The parameter in Libra corresponds to the parameter in PSpice:
(2) GAMMADC
GAMMA
(3) CGSO
CGS
(4) CGDO
CGD
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
11/04/2002


Similar Part No. - NE6510179A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6510179A-T1 RENESAS-NE6510179A-T1 Datasheet
207Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
More results

Similar Description - NE6510179A-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
logo
NEC
NE651R479A NEC-NE651R479A Datasheet
69Kb / 8P
   0.4 W L-BAND POWER GaAs HJ-FET
NE6510379A NEC-NE6510379A Datasheet
97Kb / 8P
   3 W L-BAND POWER GaAs HJ-FET
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE651R479A CEL-NE651R479A Datasheet
501Kb / 11P
   MEDIUM POWER GaAs HJ-FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com