Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC257 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74HC257
Description  Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC257 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HD74HC257 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC257 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Similar Part No. - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257FPEL RENESAS-HD74HC257FPEL Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257P RENESAS-HD74HC257P Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257RPEL RENESAS-HD74HC257RPEL Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results

Similar Description - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com