Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE4153F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQE4153F
Description  Metallized Polyester Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4153F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE4153F Datasheet HTML 1Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 2Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 3Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 4Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 5Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 6Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 7Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 8Page - Panasonic Semiconductor ECQE4153F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
IPackaging Specifications for Bulk Package
Packing quantity:100 pcs./bag
ITaping Specifications for Automatic Insertion
GTaping style
❈Refer to the page of taping specifications.
100 VDC
250 VDC
400 VDC
630 VDC
1000 VDC
1250 VDC
125 VAC
250 VAC
ECQE (F)
AD
AS
AB
BC
D
E
0.56 to 0.68
Ammo
(
) F3
0.56 to 0.68
Reel
(
) F9
0.82 to 1.0
Ammo
(
) F3
1.2 to 3.3
Ammo
(
) F3
1.2 to 3.3
Ammo
R(
) F
0.010 to 0.27
Ammo
(
) F3
0.33
Ammo
(
) F3
0.39 to 1.5
Ammo
(
) F3
0.010 to 0.33
Ammo
R(
) F
0.39 to 1.5
Ammo
R(
) F
0.010 to 0.10
Ammo
(
) F3
0.12 to 0.47
Ammo
(
) F3
0.010 to 0.10
Reel
(
) F9
0.010 to 0.10
Ammo
R(
) F
0.12 to 0.47
Ammo
R(
) F
0.0010 to 0.033
Ammo
(
) F3
0.039 to 0.047
Ammo
(
) F3
0.056 to 0.22
Ammo
(
) F3
0.010 to 0.047
Reel
(
) F9
0.0010 to 0.047
Ammo
R(
) F
0.056 to 0.22
Ammo
R(
) F
0.0010 to 0.10
Ammo
R(
) F
0.0010 to 0.022
Ammo
R(
) F
0.010 to 0.15
Ammo
(
) F6
0.18 to 0.47
Ammo
(
) F3
0.010 to 0.22
Ammo
R(
) F
0.27 to 0.47
Ammo
R(
) F
0.010 to 0.033
Ammo
(
) F6
0.010 to 0.047
Ammo
R(
) F
0.056 to 0.22
Ammo
R(
) F
GPackaging Specifications
Cap. range
(µF)
Taping style
Packing
suffix
Rated volt.
Type
Style
AD
AB
B
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
GLead Spacing


Similar Part No. - ECQE4153F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4153F PANASONIC-ECQE4153F Datasheet
345Kb / 19P
   Metallized polyester Film Capacitor
ECQE4153F PANASONIC-ECQE4153F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4153F PANASONIC-ECQE4153F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4153F PANASONIC-ECQE4153F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4153F PANASONIC-ECQE4153F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE4153F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com